Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDR10D180L Datasheet(PDF) 4 Page - HuaXinAn Electronics CO.,LTD

Part # VDR10D180L
Description  Metal Oxide Varistors (MOV)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

VDR10D180L Datasheet(HTML) 4 Page - HuaXinAn Electronics CO.,LTD

  VDR10D180L Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD VDR10D180L Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD VDR10D180L Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD VDR10D180L Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD VDR10D180L Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD VDR10D180L Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VDR10D Straight Leads Series
Dimension(mm)
TABLE1
TABLE2
Symbol
Dimensions
Part number
T(±1.0mm)
Part number
T(±1.0mm)
H(Max)
16.5mm
VDR10D180L
2.5mm
VDR10D301K
3.4mm
L(Min)
22.0mm
VDR10D220K
2.6mm
VDR10D331K
3.7mm
D(Max)
12.5mm
VDR10D270K
2.7mm
VDR10D361K
3.9mm
D1(±0.8)
7.5mm
VDR10D330K
2.9mm
VDR10D391K
4.4mm
T
TABLE2
VDR10D390K
3.2mm
VDR10D431K
4.4mm
d(±0.05)
0.8mm
VDR10D470K
3.3mm
VDR10D471K
4.6mm
VDR10D560K
3.4mm
VDR10D511K
4.7mm
VDR10D680K
3.5mm
VDR10D561K
4.9mm
VDR10D820K
2.6mm
VDR10D621K
5.2mm
VDR10D101K
2.8mm
VDR10D681K
5.5mm
VDR10D121K
3.0mm
VDR10D751K
5.9mm
VDR10D151K
3.3mm
VDR10D781K
6.0mm
VDR10D181K
2.7mm
VDR10D821K
6.2mm
VDR10D201K
2.9mm
VDR10D911K
6.7mm
VDR10D221K
3.0mm
VDR10D102K
7.2mm
VDR10D241K
3.1mm
VDR10D112K
7.8mm
VDR10D271K
3.3mm
-
-
Packing Information
Specifications are subject to change without notice
4
Tel: +86-755-27465585
HUAAN LIMITED
www.huaandz.com
Email: sales@huaandz.com
Part Number
Quantity
Packaging Option Packaging Specification
VDR10DxxxK
500PCS
Plastic bag
Bulk Pack



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com