Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDR10D180L Datasheet(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

Part # VDR10D180L
Description  Metal Oxide Varistors (MOV)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

VDR10D180L Datasheet(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  VDR10D180L Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD VDR10D180L Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD VDR10D180L Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD VDR10D180L Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD VDR10D180L Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD VDR10D180L Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VDR10D Straight Leads Series
Metal Oxide Varistors (MOV)
Features
·Wide operating voltage (V1mA) range from 18V to 1100V
·Fast responding to transient over-voltage
·Large absorbing transient energy capability
·Low clamping ratio and no follow-on current
·Meets MSL level 1, per J-STD-020
·Operating Temperature:-40℃ ~ +85℃
·Storage Temperature:-40℃ ~ +125℃
·Safety certification:
Applications
·Transistor, diode, IC, thyristor or triac semiconductor protection
·Surge protection in consumer electronics
·Surge protection in industrial electronics
·Surge protection in electronic home appliances, gas and petroleum appliances
·Relay and electromagnetic valve surge absorption
Description of Part Number
VDR 10
D 471 K J
Brand Mark
NO SUFFIX: STANDARD MOV, SUFFIX J:HIGH SURGE MOV
Varistor Voltage Tolerance: K= ±10%
Nominal Varistor Voltage: 471=470V
D: DISK
DISC DIAMETER 10 = Φ10MM
Delivery Time
Specifications are subject to change without notice
1
Tel: +86-755-27465585
HUAAN LIMITED
www.huaandz.com
Email: sales@huaandz.com
Standard MOV
Delivery Time
High Surge MOV
Delivery
Time
VDR10D180L ~ VDR10D112K
13days
VDR10D180LJ ~ VDR10D112KJ
14days


Similar Part No. - VDR10D180L

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
VDR14D HUAXINAN-VDR14D Datasheet
427Kb / 6P
Metal Oxide Varistors (MOV)
VDR14D101K HUAXINAN-VDR14D101K Datasheet
427Kb / 6P
Metal Oxide Varistors (MOV)
VDR14D101KJ HUAXINAN-VDR14D101KJ Datasheet
427Kb / 6P
Metal Oxide Varistors (MOV)
VDR14D102K HUAXINAN-VDR14D102K Datasheet
427Kb / 6P
Metal Oxide Varistors (MOV)
VDR14D102KJ HUAXINAN-VDR14D102KJ Datasheet
427Kb / 6P
Metal Oxide Varistors (MOV)
More results

Similar Description - VDR10D180L

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1V010 NTE-NTE1V010_13 Datasheet
67Kb / 3P
Metal Oxide Varistors (MOV)
logo
HuaXinAn Electronics CO...
VDR20D180L HUAXINAN-VDR20D180L Datasheet
456Kb / 6P
Metal Oxide Varistors (MOV)
VDR25D820K HUAXINAN-VDR25D820K Datasheet
295Kb / 6P
Metal Oxide Varistors (MOV)
VDR34S130 HUAXINAN-VDR34S130 Datasheet
280Kb / 5P
Metal Oxide Varistors (MOV)
32D HUAXINAN-32D Datasheet
191Kb / 4P
Metal Oxide Varistors (MOV)
34S HUAXINAN-34S Datasheet
280Kb / 5P
Metal Oxide Varistors (MOV)
34S471K HUAXINAN-34S471K Datasheet
280Kb / 5P
Metal Oxide Varistors (MOV)
07D HUAXINAN-07D Datasheet
470Kb / 6P
Metal Oxide Varistors (MOV)
10D HUAXINAN-10D Datasheet
453Kb / 6P
Metal Oxide Varistors (MOV)
20D HUAXINAN-20D Datasheet
456Kb / 6P
Metal Oxide Varistors (MOV)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com