Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILA2003 Datasheet(PDF) 1 Page - Integral Corp.

Part # ILA2003
Description  10W AUDIO AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

ILA2003 Datasheet(HTML) 1 Page - Integral Corp.

  ILA2003 Datasheet HTML 1Page - Integral Corp. ILA2003 Datasheet HTML 2Page - Integral Corp. ILA2003 Datasheet HTML 3Page - Integral Corp. ILA2003 Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ILA2003
1
10W AUDIO AMPLIFIER
DESCRIPTION
The main features of ILA 2003, are very low
number of external components, easy of assembly,
space and cost saving.
The device provides a high output current capability
(up to 3.5A), very low harmonic and cross-over
distortion.
Completely safe operation is guaranteed due to
protection against DC and AC short circuit between
all pins and ground, thermal over-range, load dump
voltage up to 40V and open ground.
ORDERING NUMBERS : ILA2003
PENTAWATT
TO220 AB/5
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vs
Peak supply voltage (50 ms)
40
V
Vs
DC supply voltage
28
V
Vs
Operating supply voltage
18
V
Io
Output peak current (repetitive)
3.5
A
Io
Output peak current (non repetitive)
4.5
A
Ptot
Power dissipation at Tcase =90
°C
20
W
Tstg,Tj
Storage and junction temperature
-40 to 150
°C
PIN CONNECTION
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth-j-case
Thermal resistance junction-case
max
3
°C/W


Similar Part No. - ILA2003

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
ILA2616 INTEGRAL-ILA2616 Datasheet
119Kb / 3P
2 X 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
More results

Similar Description - ILA2003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA1910 STMICROELECTRONICS-TDA1910 Datasheet
196Kb / 14P
10W AUDIO AMPLIFIER WITH MUTING
May-1997
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
10W CAR RADIO AUDIO AMPLIFIER
logo
Wuxi Youda electronics ...
TDA2003 YOUDA-TDA2003 Datasheet
158Kb / 3P
10W AUDIO AMPLIFIER
logo
KODENSHI_AUK CORP.
KKA2003 KODENSHI-KKA2003 Datasheet
139Kb / 3P
10W AUDIO AMPLIFIER
logo
STMicroelectronics
TDA1910 STMICROELECTRONICS-TDA1910_03 Datasheet
389Kb / 15P
10W AUDIO AMPLIFIER WITH MUTING
Sep-2003
E-TDA2003V STMICROELECTRONICS-E-TDA2003V Datasheet
301Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
Sep-2013
logo
Tiger Electronic Co.,Lt...
TDA2003AV TGS-TDA2003AV Datasheet
338Kb / 8P
10W CAR RADIO AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2003 UTC-TDA2003_15 Datasheet
320Kb / 10P
10W CAR RADIO AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
TDA2003 ARTSCHIP-TDA2003 Datasheet
647Kb / 9P
10W CAR RADIO AUDIO AMPLIFIER
logo
Princeton Technology Co...
PT2830 PTC-PT2830 Datasheet
231Kb / 5P
10W Stereo Integrated Audio Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com