Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILA2003 Datasheet(PDF) 2 Page - Integral Corp.

Part # ILA2003
Description  10W AUDIO AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

ILA2003 Datasheet(HTML) 2 Page - Integral Corp.

  ILA2003 Datasheet HTML 1Page - Integral Corp. ILA2003 Datasheet HTML 2Page - Integral Corp. ILA2003 Datasheet HTML 3Page - Integral Corp. ILA2003 Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ILA2003
2
ELECTRICAL CHARACTERISTICS (Vs = 14.4V, Tamb =25
°C unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DC CHARACTERISTICS
Vs
Supply voltage
8
18
V
Vo
Quiescent output voltage (pin 4)
6.1
6.9
7.7
V
Id
Quiescent drain current (pin 5)
44
50
mA
AC CHARACTERISTICS
Po
Output power
d = 10%
f = 1 kHz
RL =4Ω
RL =2Ω
RL = 3.2Ω
RL = 1.6Ω
5.5
9
6
10
7.5
12
W
W
W
W
Vi(rms)
Input saturation voltage
300
mV
Vi
Input sensitivity
f = 1 kHz
Po = 0.5W
RL =4Ω
Po =6W
RL =4Ω
Po = 0.5W
RL =2Ω
Po 10W
RL =2Ω
14
55
10
50
mV
mV
mV
mV
B
Frequency response ( -3 dB)
Po =1W
RL =4Ω
40 to 15000
Hz
d
Distortion
f = 1 kHz
Po = 0.05 to4.5W RL =4Ω
Po = 0.05 to7.5W RL =2Ω
0,15
0,15
%
%
Ri
Input resistance (pin1)
f = 1 kHz
70
150
kΩ
Gv
Voltage gain (open loop)
f = 1 kHz
f = 10 kHz
80
60
dB
dB
Gv
Voltage gain (closed loop)
f = 1 kHz
RL =4Ω
39,3
40
40,3
dB
eN
Input noise voltage
1
5
µV
iN
Input noise current
60
200
pA
h
Efficiency
f = 1 kHz
Po =6W
RL =4Ω
Po 10W
RL =2Ω
69
65
%
%
SVR
Supply voltage rejection
f = 100 Hz
Vripple = 0.5V
Rg =10 kΩ RL =4 Ω
30
36
dB
(0) Filter with noise bandwidth: 22 Hz to 22 kHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com