Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK640D Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK640D
Description  18A, 200V, 0.155廓 , N-CHANNEL POWER MOS FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK640D Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK640D Datasheet HTML 1Page - First Silicon Co., Ltd FTK640D Datasheet HTML 2Page - First Silicon Co., Ltd FTK640D Datasheet HTML 3Page - First Silicon Co., Ltd FTK640D Datasheet HTML 4Page - First Silicon Co., Ltd FTK640D Datasheet HTML 5Page - First Silicon Co., Ltd FTK640D Datasheet HTML 6Page - First Silicon Co., Ltd FTK640D Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ABSOLUTE MAXIMUM RATINGS
(TC = 25
˚C, unless otherwise specified)
PARAMET
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
(TJ = 25
˚C ~ 125˚C)
200
V
VDS
Drain to Gate Voltage (RGS
= 20kΩ, T
J = 25
˚C ~ 125˚C)
VDGR
200
V
Gate to Source Voltage
IGS
±20
V
Continuous
18
A
Drain Current
TA = 100°C
ID
11
IDM
72
A
EAS
W
Maximum Power Dissipation (Tc = 25°C)
Derating factor
W/
˚C
Single Pulse Avalanche Energy Rating
(VDD = 50V, starting TJ = 25
˚C, L = 3.3mH, R
G
=25Ω, I
AS = 19.4A)
580
PD
Note: 1. Signified recommend operating range that indicates conditions for which the device is intended to be
functional, but does not guarantee specific performance limits.
2. Absolute maximum ratings indicate limits beyond which damage to the device may occur.
ELECTRICAL SPECIFICATIONS
(TC = 25
˚C , unless Otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
UNIT
200
V
Drain-Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 16)
VGS = VDS, ID = 250µA
4.0
µA
Gate to Threshold Voltage
VGS(THR)
VDS > ID(ON) X RDS(ON)MAX, VGS = 10V
On-State Drain Current (Note 1)
ID(ON)
Zero Gate Voltage Drain Current
IDSS
VDS = Rated BVDSS, VGS = 0V
Gate to Source Leakage Current
IGSS
VGS = ±20V
1
V
Drain to Source On Resistance
(Note 1)
RDS(ON)
ID = 9.0A, VGS = 10V
10
Ω
Forward Transconductance
(Note 1)
pF
Turn-On Delay Time
tDLY(ON)
pF
Rise Time
tR
VDD = 100V, I D
≈ 19.4A,
RGS
= 25Ω,
2014. 3. 10
2/7
Revision No : 0
TSTG
-40 ~ +150
˚C
MAX
Storage Temperature Range
Turn-Off Delay Time
tDLY(OFF)
VGS = 10V, ID = 19.4A,
VDS = 0.8 X Rated BVDSS
ns
Fall Time
tF
Gate to Source Charge
QGS
8.6
nC
Gate to Drain “Miller” Charge
QGD
VDS = 25V, VGS = 0V,f = 1.0MHz
13.5
nC
Total Gate Charge
Input Capacitance
CISS
1220
nC
QG(TOT)
gFS
VDS >
ID = 11A
0.125
31
TJ
-40 ~ +150
˚C
Operating Temperature Range
Pulsed
ID
mJ
A
Output Capacitance
Reverse - Transfer Capacitance
COSS
CRSS
VDS =0.8xRated BVDSS,VGS=0V, TJ=125
˚C
2.0
30
220
±100
0.15
50
390
170
120
40
µA
nA
ns
ns
pF
ns
Note: 1. Pulse Test: Pulse width
≤300μs, Duty Cycle≤2%.
2. MOSFET Switching Times are Essentially Independent of Operating Temperature.
3. Gate Charge is Essentially Independent of Operating Temperature.
20
190
55
80
1600
290
40
125 / 40
1.0 / 0.32
6.7
10
S
10V
(FTK640P / FTK640F)
18
A
FTK640D/DD/P/F



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com