Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK640D Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK640D
Description  18A, 200V, 0.155廓 , N-CHANNEL POWER MOS FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK640D Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK640D Datasheet HTML 1Page - First Silicon Co., Ltd FTK640D Datasheet HTML 2Page - First Silicon Co., Ltd FTK640D Datasheet HTML 3Page - First Silicon Co., Ltd FTK640D Datasheet HTML 4Page - First Silicon Co., Ltd FTK640D Datasheet HTML 5Page - First Silicon Co., Ltd FTK640D Datasheet HTML 6Page - First Silicon Co., Ltd FTK640D Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Note 2
2011. 3. 10
3/7
Revision No : 0
THERMAL DATA
PARAMETER
SYMBOL
UNIT
62
Thermal Resistance Junction-Ambient (FTK640P)
θ
JA
1.0
Thermal Resistance Junction-Case (FTK640P)
θ
Jc
˚C / W
RATINGS
SOURCE TO DRAIN DIODE SPECIFICATIONS
VSD
ISD = 11A,
VGS = 0V
1.3
V
ISD
18
A
ISDM
72
A
tRR
140
ns
QRR
ISD = 19.4A,
d
lSD/dt =
=100 A/
µs
0.69
µC
Note:
1. Pulse Test: Pulse width ≤ 300μs, Duty cycle ≤ 2%
2. Modified MOSFET symbol showing the integral reverse P-N junction diode as below.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
UNIT
Source to Drain Diode Voltage (Note 1)
Continuous Source to Drain Current
Pulse Source to Drain Current
Reverse Recovery Time
Reverse Recovery Charge
MAX
Note 2
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. MAXIMUM TRANSIENT THERMAL IMPEDANCE
0
50
100
150
0
TC, CASE TEMPERATURE (
oC)
0.2
0.4
0.6
0.8
1.0
1.2
8
4
0
25
50
75
100
125
150
16
TC, CASE TEMPERATURE (
oC)
20
12
tP, RECTANGULAR PULSE DURATION (s)
10
10-3
10-2
10-1
1
10-5
10-4
10
0.01
0.1
NOTES
DUTY FACTOR D = t1/t2
PEAK TJ = PDM x ZθJC + TC
PDM
t1
t2
0.001
1
SINGLE PULSE
0.1
0.02
0.2
0.5
0.01
0.05
FTK640D/DD/P/F



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com