Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK640P Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FTK640P
Description  18A, 200V, 0.155廓 , N-CHANNEL POWER MOS FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK640P Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FTK640P Datasheet HTML 1Page - First Silicon Co., Ltd FTK640P Datasheet HTML 2Page - First Silicon Co., Ltd FTK640P Datasheet HTML 3Page - First Silicon Co., Ltd FTK640P Datasheet HTML 4Page - First Silicon Co., Ltd FTK640P Datasheet HTML 5Page - First Silicon Co., Ltd FTK640P Datasheet HTML 6Page - First Silicon Co., Ltd FTK640P Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MOSFET
2014. 3. 10
4/7
Revision No : 0
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
T
U
P
T
U
O
.
5
E
R
U
G
I
F
A
E
R
A
G
N
I
T
A
R
E
P
O
E
F
A
S
S
A
I
B
D
R
A
W
R
O
F
.
4
E
R
U
G
I
F
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
VDS, DRAIN TO SOURCE VOLTAGE (V)
10
1
10
1
100
100
TC = 25oC
SINGLE PULSE
1000
OPERATION IN THIS AREA MAY BE
LIMITED BY rDS(ON)
DC
100µs
10µs
1ms
10ms
TC = 25oC
1000
TJ = MAX RATED
VDS, DRAIN TO SOURCE VOLTAGE (V)
0
0
12
24
36
48
6
12
18
24
30
60
7V
6V
5V
4V
10V
8V
PULSE DURATION = 80µs
DUTY CYCLE = 0.5% MAX
0
6
0
1.0
.
5
0
.
3
0
.
2
0
12
18
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 6V
24
4.0
VGS = 7V
30
VGS = 8V
VGS = 10V
VGS = 5V
VGS = 4V
PULSE DURATION = 80µs
DUTY CYCLE = 0.5% MAX
1
8
6
4
0
0
2
0.1
1
10
VGS, GATE TO SOURCE VOLTAGE (V)
100
150oC
25oC
PULSE DURATION = 80µs
DUTY CYCLE = 0.5% MAX
VDS ≥50V
0
0.6
0.9
1.2
15
30
45
60
ID, DRAIN CURRENT (A)
75
1.5
0
0.3
VGS= 10V
VGS = 20V
PULSE DURATION = 80µs
DUTY CYCLE = 0.5% MAX
3.0
1.8
1.2
0.6
0
-60 -40 -20
0
20
40
60
TJ, JUNCTION TEMPERATURE (oC)
100 120 140 160
2.4
80
PULSE DURATION = 80µs
DUTY CYCLE = 0.5% MAX
VGS = 10V, ID = 18A
FTK640D/DD/P/F



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com