Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK640P Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK640P
Description  18A, 200V, 0.155廓 , N-CHANNEL POWER MOS FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK640P Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK640P Datasheet HTML 1Page - First Silicon Co., Ltd FTK640P Datasheet HTML 2Page - First Silicon Co., Ltd FTK640P Datasheet HTML 3Page - First Silicon Co., Ltd FTK640P Datasheet HTML 4Page - First Silicon Co., Ltd FTK640P Datasheet HTML 5Page - First Silicon Co., Ltd FTK640P Datasheet HTML 6Page - First Silicon Co., Ltd FTK640P Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.Gate
3.Source
2.Drain
18A, 200V, 0.155Ω , N-CHANNEL POWER MOS FET
D
ESCRIPTION
The N-Channel enhancement mode silicon gate power MOSFET
is designed for high voltage, high speed power switching
applications such as switching regulators, switching converters,
solenoid, motor drivers, relay drivers.
FEATURES
* 18A, 200V, Low RDS(ON)
(0.155Ω)
* Single Pulse Avalanche Energy Rated
* Rugged - SOA is Power Dissipation Limited
* Fast Switching Speeds
* Linear Transfer Characteristics
* High Input Impedance
SYMBOL
ORDERING INFORMATION
Order Number
Pin Assignment
Package
1
2
3
Packing
FTK640P
TO-220
G
D
S
Tube
TO-220F
G
D
S
Tube
Note: Pin Assignment:
G: Gate
D: Drain
S: Source
2014. 3. 10
1/7
SEMICONDUCTOR
TECHNICAL DATA
FTK640D/DD/P/F
Revision No : 0
TO-220
1
1
TO-220F
P :
F :
1
TO-263
DD :
1
TO - 252
D :
G
D
S
G
D
S
TO-263
TO-252
FTK640F
FTK640DD
FTK640D


Similar Part No. - FTK640P

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK603NP FS-FTK603NP Datasheet
498Kb / 8P
60V NP Dual Channel MOSFETs
FTK60N04D FS-FTK60N04D Datasheet
347Kb / 4P
N-Channel Power MOSFET
FTK60P05S FS-FTK60P05S Datasheet
460Kb / 4P
P-Channel Enhancement Mode Power MOSFET
FTK6207SP FS-FTK6207SP Datasheet
1Mb / 6P
12V, 4.0 mΩ, 8.5A, Dual N-Channel
2020.10.05
FTK6303 FS-FTK6303 Datasheet
1,021Kb / 5P
Dual P-CH 60V Fast Switching MOSFETs
More results

Similar Description - FTK640P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF240-243 FAIRCHILD-IRF240-243 Datasheet
140Kb / 5P
N-Channel Power MOSFETs, 18A, 150-200V
IRF640 FAIRCHILD-IRF640 Datasheet
132Kb / 7P
18A, 200V, 0.180 Ohm, N-Channel Power MOSFETs
logo
Fuji Electric
2SK1280 FUJI-2SK1280 Datasheet
200Kb / 2P
N-Channel MOS-FET(500V, 0.5Ohm, 18A, 150W)
logo
Fairchild Semiconductor
IRF640N FAIRCHILD-IRF640N Datasheet
160Kb / 11P
N-Channel Power MOSFETs 200V, 18A, 0.15ohm
FDA28N50 FAIRCHILD-FDA28N50 Datasheet
688Kb / 8P
N-Channel MOSFET 500V, 28A, 0.155廓
FDP18N20F FAIRCHILD-FDP18N20F Datasheet
689Kb / 10P
N-Channel MOSFET 200V, 18A, 0.14廓
logo
Unisonic Technologies
UF640V UTC-UF640V Datasheet
214Kb / 5P
18A, 200V, 0.18OHM N-CHANNEL POWER MOSFET
logo
Thinki Semiconductor Co...
IRF640PBF THINKISEMI-IRF640PBF Datasheet
1,002Kb / 6P
18A,200V Heatsink N-Channel Type Power MOSFET
logo
First Components Intern...
IRF640 FCI-IRF640 Datasheet
158Kb / 5P
18A 200V N CHANNEL POWER MOSFET
IRF640FP FCI-IRF640FP Datasheet
231Kb / 5P
IRF640FP 18A 200V N CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com