Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK830F Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part # FTK830F
Description  5A, 500V, 1.5 廓, N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK830F Datasheet(HTML) 6 Page - First Silicon Co., Ltd

  FTK830F Datasheet HTML 1Page - First Silicon Co., Ltd FTK830F Datasheet HTML 2Page - First Silicon Co., Ltd FTK830F Datasheet HTML 3Page - First Silicon Co., Ltd FTK830F Datasheet HTML 4Page - First Silicon Co., Ltd FTK830F Datasheet HTML 5Page - First Silicon Co., Ltd FTK830F Datasheet HTML 6Page - First Silicon Co., Ltd FTK830F Datasheet HTML 7Page - First Silicon Co., Ltd FTK830F Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TYPICAL PERFORMANCE CUVES
MOSFET
2007. 12. 18
6/8
FTK830P / F
Revision No : 0
0
Case Temperature, TC ( C)
50
100
150
1 2
NORMALIZED POWER DISSIPATION vs
CASE TEMPERATURE
1.0
0.6
0.2
0
0.4
0.8
Case Temperature, TC ( C)
75
100
150
MAXIMUM CONTIONUOUS DRAIN CURRENT
vs CASE TEMPERATURE
0
125
50
25
1
2
3
4
5
0.01
Rectangular Pulse Duration, t1 (s)
NORMALIZED MAXIMUM TRANSIENT
THERMAL IMPEDANCE
1
10 -5
10 -4
10-3
10-2
10-1
10
Single pulse
0.2
0.1
0.01
0 1
1.0
PDM
t1
t2
Duty Factor, D = t1/t2
Peak TJ =PDM × ZθJC RθJC + TC
0.05
0.02
100
10
0.1
Drain to Source Voltage, VDS (V)
FORWARD BIAS SAFE OPERATING AREA
100
10
1
1
1ms
1000
TC = 25 C
TJ = Max Rated
Single Pulse
Operation in This Region
is Limited by rDS(on)
100ms
DC
10ms
10μs
0.5
Drain to Source Voltage
, VDS (V)
100
150
250
OUTPUT CHARACTERISTICS
0
200
50
0
1
2
3
4
5
Drain to Source Voltage
, VDS (V)
4
6
10
SATURATION CHARACTERISTICS
0
8
2
0
1
2
3
4
5
100μ
s
6
300
Pulse Duration= 80μs
Duty Cycle = 0.5% Max
VGS=5.0V
VGS=4.5V
VGS=4.0V
VGS=5.5V
VGS=10V
VGS=5.0V
VGS=4.5V
VGS=4.0V
VGS=10V
VGS=5.5V
Pulse Duration= 80μs
Duty Cycle = 0 5% Max



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com