Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTK830F Datasheet(PDF) 8 Page - First Silicon Co., Ltd

Part # FTK830F
Description  5A, 500V, 1.5 廓, N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK830F Datasheet(HTML) 8 Page - First Silicon Co., Ltd

  FTK830F Datasheet HTML 1Page - First Silicon Co., Ltd FTK830F Datasheet HTML 2Page - First Silicon Co., Ltd FTK830F Datasheet HTML 3Page - First Silicon Co., Ltd FTK830F Datasheet HTML 4Page - First Silicon Co., Ltd FTK830F Datasheet HTML 5Page - First Silicon Co., Ltd FTK830F Datasheet HTML 6Page - First Silicon Co., Ltd FTK830F Datasheet HTML 7Page - First Silicon Co., Ltd FTK830F Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TYPICAL PERFORMANCE CUVES (Cont.)
MOSFET
2007. 12. 18
8/8
FTK830P / F
Revision No : 0
10
5
Source to Drain Voltage, VSD (V)
SOURCE TO DRAIN DIODE VOLTAGE
0
1
4
1
2
GATE TO SOURCE VOLTAGE vs GATE CHARGE
Gate Charge, QG (nC)
24
40
0
32
8
0
5
10
15
20
16
TJ=125 C
TJ=25 C
100
5
2
2
Pulse Duration= 80μs
Duty Cycle = 0 5% Max
2
3
ID=4.5A
VDS=100V
VDS=250V
VDS=400V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com