Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8A2SD Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # STW8A2SD
Description  Mid-Power LED -3528 Series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8A2SD Datasheet(HTML) 3 Page - Seoul Semiconductor

  STW8A2SD Datasheet HTML 1Page - Seoul Semiconductor STW8A2SD Datasheet HTML 2Page - Seoul Semiconductor STW8A2SD Datasheet HTML 3Page - Seoul Semiconductor STW8A2SD Datasheet HTML 4Page - Seoul Semiconductor STW8A2SD Datasheet HTML 5Page - Seoul Semiconductor STW8A2SD Datasheet HTML 6Page - Seoul Semiconductor STW8A2SD Datasheet HTML 7Page - Seoul Semiconductor STW8A2SD Datasheet HTML 8Page - Seoul Semiconductor STW8A2SD Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.seoulsemicon.com
Product Data Sheet
STW8A2SD
– Mid-Power LED
3
Rev1.4, Aug 24. 2020
Performance Characteristics
(1) Seoul Semiconductor maintains a tolerance of
7% on Intensity and power measurements.
(2) Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
Color coordinate :
0.005, CCT 5% tolerance.
(3) Tolerance is
2.0 on CRI measurements.
(4) Thermal resistance is junction to Solder.
(5) I
FP conditions with pulse width ≤10ms and duty cycle ≤10%
(6) The products are sensitive to static electricity and must be carefully taken when handling products
(7) It is recommended to use it in the condition that the reliability is secured within the Max value.
•
Calculated performance values are for reference only.
•
All measurements were made under the standardized environment of Seoul Semiconductor.
Table 3. Characteristics, I
F=100mA, Tj= 25º
C, RH30%
Table 4. Absolute Maximum Ratings
Notes :
Parameter
Symbol
Value
Unit
Forward Current
I
F
150
mA
Pulse current [5]
I
FP
250
mA
Power Dissipation
P
D
1.3
W
Junction Temperature
T
j
125
ºC
Operating Temperature
T
opr
-40 ~ + 85
ºC
Storage Temperature
T
stg
-40 ~ + 100
ºC
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Forward Current
I
F
-
100
-
mA
Forward Voltage
V
F
5.8
-
6.4
V
Luminous Intensity[1] (2,700K)[2]
Iv
-
28.4
-
cd
CRI [3]
R
a
80
-
-
Viewing Angle
2
Θ
1/2
-
120
-
Deg.
Storage Temperature
T
stg
- 40
-
+ 85
ºC
Thermal resistance (J to S) [4]
Rθ
J-S
-
14.5
-
℃/W
ESD Sensitivity(HBM)
-
Class 2 JESD22-A114-E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com