Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8A2SD Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # STW8A2SD
Description  Mid-Power LED -3528 Series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8A2SD Datasheet(HTML) 4 Page - Seoul Semiconductor

  STW8A2SD Datasheet HTML 1Page - Seoul Semiconductor STW8A2SD Datasheet HTML 2Page - Seoul Semiconductor STW8A2SD Datasheet HTML 3Page - Seoul Semiconductor STW8A2SD Datasheet HTML 4Page - Seoul Semiconductor STW8A2SD Datasheet HTML 5Page - Seoul Semiconductor STW8A2SD Datasheet HTML 6Page - Seoul Semiconductor STW8A2SD Datasheet HTML 7Page - Seoul Semiconductor STW8A2SD Datasheet HTML 8Page - Seoul Semiconductor STW8A2SD Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.seoulsemicon.com
Product Data Sheet
STW8A2SD
– Mid-Power LED
4
Rev1.4, Aug 24. 2020
Characteristics Graph
Fig 1. Color Spectrum, T
j = 25º
C, I
F=100mA
Fig 2. Radiant Pattern, T
j = 25º
C, I
F=100mA
-100
-75
-50
-25
0
25
50
75
100
0
20
40
60
80
100
Angle [Degree]
300
400
500
600
700
800
0.0
0.5
1.0
2100~3700K
3700~4700K
4700~7000K
Wavelength [nm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com