Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG0A2PD Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # STG0A2PD
Description  Mid-Power LED -3528 Series
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STG0A2PD Datasheet(HTML) 1 Page - Seoul Semiconductor

  STG0A2PD Datasheet HTML 1Page - Seoul Semiconductor STG0A2PD Datasheet HTML 2Page - Seoul Semiconductor STG0A2PD Datasheet HTML 3Page - Seoul Semiconductor STG0A2PD Datasheet HTML 4Page - Seoul Semiconductor STG0A2PD Datasheet HTML 5Page - Seoul Semiconductor STG0A2PD Datasheet HTML 6Page - Seoul Semiconductor STG0A2PD Datasheet HTML 7Page - Seoul Semiconductor STG0A2PD Datasheet HTML 8Page - Seoul Semiconductor STG0A2PD Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Product Data Sheet
Product Brief
Description
Key Applications
Features and Benefits
www.seoulsemicon.com
1
STG0A2PD
– Mid-Power LED
Rev2.0., Aug 24, 2020
STG0A2PD (Green)
Mid-Power LED - 3528 Series
Table 1. Product Selection Table
RoHS
•
This White Colored surface-mount LED
comes in standard package dimension.
Package Size: 3.5x2.8x0.7mm
•
It has a substrate made up of a molded
plastic reflector sitting on top of a lead
frame.
•
The die is attached within the reflector
cavity and the cavity is encapsulated by
silicone.
•
The package design coupled with
careful selection of component
materials allow these products to
perform with high reliability.
•
Market Standard 3528 Package Size
•
RoHS compliant
•
Interior lighting
•
General lighting
•
Indoor and outdoor displays
•
Architectural / Decorative lighting
Part Number
CCT
Color
Min.
Typ.
Max.
STG0A2PD
Green
510
-
530


Similar Part No. - STG0A2PD

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STG0A12CE SEOUL-STG0A12CE Datasheet
869Kb / 25P
Applicable for automotive interior light
STG0A12CE SEOUL-STG0A12CE Datasheet
865Kb / 24P
Applicable for automotive interior light
More results

Similar Description - STG0A2PD

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAW8A62E-E2 SEOUL-SAW8A62E-E2 Datasheet
1Mb / 31P
Mid-Power LED
SAW8A32E-E2 SEOUL-SAW8A32E-E2 Datasheet
1Mb / 31P
Mid-Power LED
STW8A2SD SEOUL-STW8A2SD Datasheet
1Mb / 29P
Mid-Power LED -3528 Series
STW8A2PD-B3 SEOUL-STW8A2PD-B3 Datasheet
1Mb / 35P
Mid-Power LED - 3528 Series
STW8A2PD-B2 SEOUL-STW8A2PD-B2 Datasheet
1Mb / 35P
Mid-Power LED - 3528 Series
STW8A2PD-B1 SEOUL-STW8A2PD-B1 Datasheet
848Kb / 25P
Mid-Power LED - 3528 Series
STW8A12D-E2 SEOUL-STW8A12D-E2 Datasheet
1,011Kb / 31P
Mid-Power LED -3528 Series
STW8A12D-E1 SEOUL-STW8A12D-E1 Datasheet
1Mb / 32P
Mid-Power LED -3528 Series
STR0A12D-E1 SEOUL-STR0A12D-E1 Datasheet
751Kb / 19P
Mid-Power LED -3528 Series
STR0A12D SEOUL-STR0A12D Datasheet
776Kb / 19P
Mid-Power LED -3528 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com