Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG0A2PD Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # STG0A2PD
Description  Mid-Power LED -3528 Series
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STG0A2PD Datasheet(HTML) 3 Page - Seoul Semiconductor

  STG0A2PD Datasheet HTML 1Page - Seoul Semiconductor STG0A2PD Datasheet HTML 2Page - Seoul Semiconductor STG0A2PD Datasheet HTML 3Page - Seoul Semiconductor STG0A2PD Datasheet HTML 4Page - Seoul Semiconductor STG0A2PD Datasheet HTML 5Page - Seoul Semiconductor STG0A2PD Datasheet HTML 6Page - Seoul Semiconductor STG0A2PD Datasheet HTML 7Page - Seoul Semiconductor STG0A2PD Datasheet HTML 8Page - Seoul Semiconductor STG0A2PD Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.seoulsemicon.com
Product Data Sheet
STG0A2PD
– Mid-Power LED
3
Rev2.0, Aug 24, 2020
Performance Characteristics
(1) Seoul Semiconductor maintains a tolerance of
7% on Intensity and power measurements.
(2)
2Θ1/2 is the off-axis where the luminous intensity is 1/2 of the peak intensity.
(3) Thermal resistance is junction to Solder.
(4) The products are sensitive to static electricity and must be carefully taken when handling products
(5) It is recommended to use it in the condition that the reliability is secured within the Max value.
•
Calculated performance values are for reference only.
•
All measurements were made under the standardized environment of Seoul Semiconductor.
Table 2. Characteristics, I
F=60mA, Tj= 25º
C, RH30%
Table 3. Absolute Maximum Ratings
Notes :
Parameter
Symbol
Value
Unit
Forward Current
I
F
70
mA
Power Dissipation
P
D
230
mW
Junction Temperature
T
j
115
ºC
Operating Temperature
T
opr
-40 ~ + 85
ºC
Storage Temperature
T
stg
-40 ~ + 100
ºC
Parameter
Symbol
Value
Unit
Min.
Typ.
Max.
Forward Current
I
F
-
60
-
mA
Forward Voltage
V
F
-
3.05
-
V
Luminous Flux[1]
Ф
V
12.0
16.0
20.0
lm
Viewing Angle [2]
2
Θ
1/2
-
120
-
Deg.
Storage Temperature
T
stg
- 40
-
+ 85
ºC
Thermal resistance (J to S) [3]
Rθ
J-S
-
45
-
℃/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com