Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSHR41JS0 Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # SSHR41JS0
Description  Side View LED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSHR41JS0 Datasheet(HTML) 6 Page - Seoul Semiconductor

Back Button SSHR41JS0 Datasheet HTML 2Page - Seoul Semiconductor SSHR41JS0 Datasheet HTML 3Page - Seoul Semiconductor SSHR41JS0 Datasheet HTML 4Page - Seoul Semiconductor SSHR41JS0 Datasheet HTML 5Page - Seoul Semiconductor SSHR41JS0 Datasheet HTML 6Page - Seoul Semiconductor SSHR41JS0 Datasheet HTML 7Page - Seoul Semiconductor SSHR41JS0 Datasheet HTML 8Page - Seoul Semiconductor SSHR41JS0 Datasheet HTML 9Page - Seoul Semiconductor SSHR41JS0 Datasheet HTML 10Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.seoulsemicon.com
Product Data Sheet
SSHR41JS0 –Side View LED
7
Rev1.0, November 25, 2019
Characteristic Diagram
Product Data Sheet
Fig 5. Forward Current vs. CIE X, Y Shift, Ta = 25℃
Fig 6. Color Coordinate vs. Ambient Temperature, I
F = 20mA
0.255
0.260
0.265
0.270
0.275
0.235
0.240
0.245
0.250
0.255
0.260
10mA
5mA
1mA
20mA
30mA
Color Coordinate x
0.260
0.265
0.270
0.275
0.280
0.270
0.275
0.280
0.285
0.290
85
o
C
50
o
C
25
o
C
0
o
C
-30
o
C
Color Coordinate x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com