Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSHR41JS0 Datasheet(PDF) 8 Page - Seoul Semiconductor

Part # SSHR41JS0
Description  Side View LED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSHR41JS0 Datasheet(HTML) 8 Page - Seoul Semiconductor

Back Button SSHR41JS0 Datasheet HTML 4Page - Seoul Semiconductor SSHR41JS0 Datasheet HTML 5Page - Seoul Semiconductor SSHR41JS0 Datasheet HTML 6Page - Seoul Semiconductor SSHR41JS0 Datasheet HTML 7Page - Seoul Semiconductor SSHR41JS0 Datasheet HTML 8Page - Seoul Semiconductor SSHR41JS0 Datasheet HTML 9Page - Seoul Semiconductor SSHR41JS0 Datasheet HTML 10Page - Seoul Semiconductor SSHR41JS0 Datasheet HTML 11Page - Seoul Semiconductor SSHR41JS0 Datasheet HTML 12Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
www.seoulsemicon.com
Product Data Sheet
SSHR41JS0 –Side View LED
9
Rev1.0, November 25, 2019
Reliability Test
Item
Symbol
Condition
Criteria for Judgment
Min
Max
Forward Voltage
V
F
I
F =20mA
-
I.V. *1 × 1.2
Reverse Current
I
R
V
R=5V
-
U.S.L. *2 × 2.0
Luminous Intensity
I
V
I
F =20mA
I.V. × 0.7
-
Table 4. Criteria for Judging the Damage
Notes :
(1) I.V. : Initial Value
(2) U.S.L : Upper Standard Level
Table 3. Test Items and Results
Item
Reference
Test Condition
Duration
/ Cycle
Number of
Damage
Life Test
-
T
a = 25℃, IF = 20mA
1,000 Hours
0/20
High Temperature
Life Test
-
T
a = 85℃, IF = 5mA
1,000 Hours
0/20
Low Temperature Life
Test
-
T
a = -30℃, IF = 20mA
1,000 Hours
0/20
High Humidity Heat
Life Test
JEITA ED-4701
100 102
T
a = 60℃, RH = 90%, IF = 20mA
500 Hours
0/20
High Temperature
Storage
JEITA ED-4701
200 201
T
a = 100℃
1,000 Hours
0/20
Low Temperature
Storage
JEITA ED-4701
200 202
T
a = -40℃
1,000 Hours
0/20
Temperature Cycle
JEITA ED-4701
100 105
-40℃ ~ 25℃ ~ 100℃ ~ 25℃
(30min) (5min) (30min) (5min)
100 Cycle
0/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com