Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD34CNFLFPOP2 Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # CD34CNFLFPOP2
Description  Capacitive sensor, Foreground Suppression
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

CD34CNFLFPOP2 Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  CD34CNFLFPOP2 Datasheet HTML 1Page - Carlo Gavazzi Holding AG CD34CNFLFPOP2 Datasheet HTML 2Page - Carlo Gavazzi Holding AG CD34CNFLFPOP2 Datasheet HTML 3Page - Carlo Gavazzi Holding AG CD34CNFLFPOP2 Datasheet HTML 4Page - Carlo Gavazzi Holding AG CD34CNFLFPOP2 Datasheet HTML 5Page - Carlo Gavazzi Holding AG CD34CNFLFPOP2 Datasheet HTML 6Page - Carlo Gavazzi Holding AG CD34CNFLFPOP2 Datasheet HTML 7Page - Carlo Gavazzi Holding AG CD34CNFLFPOP2 Datasheet HTML 8Page - Carlo Gavazzi Holding AG CD34CNFLFPOP2 Datasheet HTML 9Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Carlo Gavazzi Industri A/S
CD34CNFLFxxx
CD34CNFLFxxx ENG
03/08/2020
Capacitive sensor, Foreground Suppression
Description
The CD34.. capacitive sensor is designed for
detecting water-based (conductive) liquids through
a non-metallic container wall, and it automatically
adapts to various thicknesses of plastic or glass
walls.
The universal mounting brackets allow the sensor
to be fixed on various tubes or containers.
Strong, compact housing with IP69K ratings and
ECOLAB approval for wash-down applications.
The sensor will function out of the box in most
applications, and teach-in capabilities are available
for adapting the sensor to more challenging
applications.
Main features
• Compact housing
• Supply voltage: 10 to 30 VDC
• Output: 100 mA, NPN or PNP preset
• Make or break switching function
• LED indication for output and power ON
• Protection: reverse polarity, short circuit and transients
• Cable and pigtail M8 plug versions
• Excellent EMC performance
• IP65, IP66, IP67, IP68 and IP69K for hose-down
applications
• cULus
• Ecolab
Main functions
• Detection of water-based fluids inside a container or tube
without direct contact with the fluids.
• The sensor detects the liquids reliably while compensating
for residue film, moisture or foam build-up from liquids
such as water, milk, body fluids (blood), acid- or alkaline
solutions with conductivity as high as 50 mS/cm inside or
outside the container wall.
• Flexible and fast universal mounting bracket.
• The sensing principle detects only the level of the liquids
while ignoring foam, film or build-up that would cause
standard capacitive sensors to detect faultily.


Similar Part No. - CD34CNFLFPOP2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CD34.1101.151 SCHURTER-CD34.1101.151 Datasheet
571Kb / 5P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
CD34.4101.151 SCHURTER-CD34.4101.151 Datasheet
571Kb / 5P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
More results

Similar Description - CD34CNFLFPOP2

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTF12-3P2431 SICK-WTF12-3P2431 Datasheet
1Mb / 7P
Photoelectric proximity sensor, Foreground suppression
3/2/2016
WTF12-3P2433 SICK-WTF12-3P2433 Datasheet
1Mb / 7P
Photoelectric proximity sensor, Foreground suppression
3/2/2016
WTF12-3P2441 SICK-WTF12-3P2441 Datasheet
1Mb / 7P
Photoelectric proximity sensor, Foreground suppression
3/2/2016
WTB11-2K2461 SICK-WTB11-2K2461 Datasheet
1Mb / 7P
Photoelectric proximity sensor, Foreground suppression
3/4/2016
WTB11-2N2461 SICK-WTB11-2N2461 Datasheet
1Mb / 7P
Photoelectric proximity sensor, Foreground suppression
3/4/2016
WT18-3N131 SICK-WT18-3N131 Datasheet
759Kb / 6P
Photoelectric proximity sensor, Foreground suppression
3/8/2016
WT18-3P120S20 SICK-WT18-3P120S20 Datasheet
627Kb / 6P
Photoelectric proximity sensor, Foreground suppression
3/8/2016
WT18-3P410S33 SICK-WT18-3P410S33 Datasheet
767Kb / 6P
Photoelectric proximity sensor, Foreground suppression
3/8/2016
WT18-3P411 SICK-WT18-3P411 Datasheet
768Kb / 6P
Photoelectric proximity sensor, Foreground suppression
3/8/2016
WT18-3P431S23 SICK-WT18-3P431S23 Datasheet
652Kb / 6P
Photoelectric proximity sensor, Foreground suppression
3/9/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com