Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD34CNFLFPOP2 Datasheet(PDF) 4 Page - Carlo Gavazzi Holding AG

Part # CD34CNFLFPOP2
Description  Capacitive sensor, Foreground Suppression
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

CD34CNFLFPOP2 Datasheet(HTML) 4 Page - Carlo Gavazzi Holding AG

  CD34CNFLFPOP2 Datasheet HTML 1Page - Carlo Gavazzi Holding AG CD34CNFLFPOP2 Datasheet HTML 2Page - Carlo Gavazzi Holding AG CD34CNFLFPOP2 Datasheet HTML 3Page - Carlo Gavazzi Holding AG CD34CNFLFPOP2 Datasheet HTML 4Page - Carlo Gavazzi Holding AG CD34CNFLFPOP2 Datasheet HTML 5Page - Carlo Gavazzi Holding AG CD34CNFLFPOP2 Datasheet HTML 6Page - Carlo Gavazzi Holding AG CD34CNFLFPOP2 Datasheet HTML 7Page - Carlo Gavazzi Holding AG CD34CNFLFPOP2 Datasheet HTML 8Page - Carlo Gavazzi Holding AG CD34CNFLFPOP2 Datasheet HTML 9Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Carlo Gavazzi Industri A/S
CD34CNFLFxxx
CD34CNFLFxxx ENG
03/08/2020
Features
Power Supply
Rated operational voltage (U
B)
10 ... 30 VDC (ripple included)
Ripple (U
rpp)
≤ 10%
No load supply current (I
o)
≤ 13 mA
Power-ON delay (t
v)
< 300 ms
Outputs
Output functions
NPN or PNP by sensor type
Output switching function
N.O. and N.C by sensor type
Rated operational current (I
e)
≤ 100 mA
OFF-state current(I
r) PNP and NPN
50 μA
Voltage drop (U
d)
< 1 .5 V
Protection
Short circuit, reverse polarity and transients
Utilization category
DC-1
Control of resistive loads and
solid-state loads with optical
isolation
DC-13
Control of electromagnets
Load capacitance max at (U
e)
330 nF
Operation diagram
Tv = Power-ON delay
Power supply
ON
Target
Present
Break output
(N.C.)
ON
Tv
Make output
(N.O.)
ON
Tv
Response times
Operating frequency (f)
≤ 10 Hz
Response times
≤ 50 ms
OFF-ON (t
ON)
≤ 50 ms
ON-OFF (t
OFF)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com