Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4372CDD Datasheet(PDF) 3 Page - Analog Devices

Part # LTC4372CDD
Description  Low Quiescent Current Ideal Diode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4372CDD Datasheet(HTML) 3 Page - Analog Devices

  LTC4372CDD Datasheet HTML 1Page - Analog Devices LTC4372CDD Datasheet HTML 2Page - Analog Devices LTC4372CDD Datasheet HTML 3Page - Analog Devices LTC4372CDD Datasheet HTML 4Page - Analog Devices LTC4372CDD Datasheet HTML 5Page - Analog Devices LTC4372CDD Datasheet HTML 6Page - Analog Devices LTC4372CDD Datasheet HTML 7Page - Analog Devices LTC4372CDD Datasheet HTML 8Page - Analog Devices LTC4372CDD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC4372/LTC4373
3
Rev. 0
For more information www.analog.com
ORDER INFORMATION
TUBE
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4372CDD#PBF
LTC4372CDD#TRPBF
LHGR
8-Lead (3mm × 3mm) Plastic DFN
0°C to 70°C
LTC4372IDD#PBF
LTC4372IDD#TRPBF
LHGR
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC4372HDD#PBF
LTC4372HDD#TRPBF
LHGR
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LTC4372CMS8#PBF
LTC4372CMS8#TRPBF
LTHGS
8-Lead Plastic MSOP
0°C to 70°C
LTC4372IMS8#PBF
LTC4372IMS8#TRPBF
LTHGS
8-Lead Plastic MSOP
–40°C to 85°C
LTC4372HMS8#PBF
LTC4372HMS8#TRPBF
LTHGS
8-Lead Plastic MSOP
–40°C to 125°C
LTC4373CDD#PBF
LTC4373CDD#TRPBF
LHMQ
8-Lead (3mm × 3mm) Plastic DFN
0°C to 70°C
LTC4373IDD#PBF
LTC4373IDD#TRPBF
LHMQ
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC4373HDD#PBF
LTC4373HDD#TRPBF
LHMQ
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LTC4373CMS8#PBF
LTC4373CMS8#TRPBF
LTHMR
8-Lead Plastic MSOP
0°C to 70°C
LTC4373IMS8#PBF
LTC4373IMS8#TRPBF
LTHMR
8-Lead Plastic MSOP
–40°C to 85°C
LTC4373HMS8#PBF
LTC4373HMS8#TRPBF
LTHMR
8-Lead Plastic MSOP
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Supply Voltage Range
l
2.5
80
V
VIN(UVL)
Input Supply Undervoltage Lockout
IN Rising
l
1.9
2.1
2.45
V
∆VIN(HYST) Input Supply Undervoltage Lockout Hysteresis
80
mV
VINTVCC
Internal Regulator Voltage
IINTVCC = 0 to –10µA
l
2.5
3.5
4.5
V
IQ
Total Supply Current
IQ = IIN + ISOURCE + IOUT
Diode Control: IGATE = –0.1µA
Single or Back-to-Back MOSFETs (Note 4)
(C-Grade, I-Grade)
(H-Grade)
l
l
5
5
10
20
µA
µA
Shutdown: SHDN = 2V, UV = 0V
Single MOSFET
Back-to-Back MOSFETs
l
l
3.5
0.5
10
2.5
µA
µA
Reverse Current: ∆VSD = –0.1V, IN = 12V
Single MOSFET
Back-to-Back MOSFETs
l
l
20
10
30
20
µA
µA
IOUT
OUT Current
IN – OUT = 4V
IN – OUT = –4V
l
l
–0.5
1.8
–10
5
µA
µA
INEG
IN + SOURCE Current During
Reverse Battery
IN = SOURCE = –24V, OUT = 24V
l
–1
–5
mA
IOUT(NEG)
OUT Current During Reverse Battery
IN = SOURCE = –24V, OUT = 24V
l
0.3
0.5
mA
∆VSD(T)
Source-Drain Threshold (IN-OUT)
Low to High. Activates IGATE(UP)
l
20
30
45
mV
∆VGATE(H)
Maximum GATE Drive (GATE-SOURCE)
IN ≤ 5V, ∆VSD = 0.1V, IGATE = 0, –1µA
IN > 5V, ∆VSD = 0.1V, IGATE = 0, –1µA
l
l
4.5
10
6.5
11.7
10
16
V
V
IGATE(UP)
GATE Pull-Up Current
GATE = IN, ∆VSD = 0.1V
l
–15
–20
–25
µA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. IN = SOURCE =12V, SHDN = 0V, UV = 2V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com