Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4372CDD Datasheet(PDF) 5 Page - Analog Devices

Part # LTC4372CDD
Description  Low Quiescent Current Ideal Diode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4372CDD Datasheet(HTML) 5 Page - Analog Devices

  LTC4372CDD Datasheet HTML 1Page - Analog Devices LTC4372CDD Datasheet HTML 2Page - Analog Devices LTC4372CDD Datasheet HTML 3Page - Analog Devices LTC4372CDD Datasheet HTML 4Page - Analog Devices LTC4372CDD Datasheet HTML 5Page - Analog Devices LTC4372CDD Datasheet HTML 6Page - Analog Devices LTC4372CDD Datasheet HTML 7Page - Analog Devices LTC4372CDD Datasheet HTML 8Page - Analog Devices LTC4372CDD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC4372/LTC4373
5
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Total Supply Current vs VIN
Total Supply Current
vs Load Current
Total Supply Current vs
Temperature
Total Supply Current
vs GATE Leakage
Total Supply Current (Shutdown)
vs VIN
Total Supply Current (Shutdown)
vs Temperature
IN Current
SOURCE Current
OUT Current
NFET = IPB107N20N3G
CLOAD = 10µF, ILOAD = 50mA
IGATE = –0.1µA
VIN (V)
0
10
20
30
40
50
60
70
80
4.0
4.5
5.0
5.5
6.0
43723 G01
NFET = IPB107N20N3G
CLOAD = 10µF
IGATE = –0.1µA
ILOAD (A)
1µ
10µ 100µ 1m 10m 100m
1
10
2
3
4
5
6
7
8
43723 G02
NFET = IPB107N20N3G
CLOAD = 10µF, ILOAD =100mA
IGATE = –0.1µA
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
10
20
30
40
43723 G03
–IGATE (µA)
0.01
0.1
1
10
100
1
10
100
1k
Supply Current vs GATE leakage
43723 G4
SHDN = 2V, UV = 0V
BACK-TO-BACK MOSFETs
VIN (V)
0
10
20
30
40
50
60
70
80
0.40
0.45
0.50
0.55
0.60
43723 G05
SHDN = 2V, UV = 0V
BACK-TO-BACK MOSFETs
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
1
2
3
4
5
6
7
8
43723 G06
IN = SOURCE
OUT = 12V
OUT = 75V
VIN (V)
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
43723 G07
IN = SOURCE
OUT = 12V
OUT = 75V
VSOURCE (V)
0
10
20
30
40
50
60
70
80
0
2
4
6
8
10
12
43723 G08
IN = SOURCE = 12V
IN = SOURCE = 75V
VOUT (V)
0
10
20
30
40
50
60
70
80
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
43723 G09
TA = 25°C. IN = SOURCE = 12V, SHDN = 0V,
UV = 2V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com