Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7118ACPZN2.5-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP7118ACPZN2.5-R7
Description  20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7118ACPZN2.5-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP7118ACPZN2.5-R7 Datasheet HTML 1Page - Analog Devices ADP7118ACPZN2.5-R7 Datasheet HTML 2Page - Analog Devices ADP7118ACPZN2.5-R7 Datasheet HTML 3Page - Analog Devices ADP7118ACPZN2.5-R7 Datasheet HTML 4Page - Analog Devices ADP7118ACPZN2.5-R7 Datasheet HTML 5Page - Analog Devices ADP7118ACPZN2.5-R7 Datasheet HTML 6Page - Analog Devices ADP7118ACPZN2.5-R7 Datasheet HTML 7Page - Analog Devices ADP7118ACPZN2.5-R7 Datasheet HTML 8Page - Analog Devices ADP7118ACPZN2.5-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
ADP7118
Rev. F | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VIN to GND
–0.3 V to +24 V
VOUT to GND
–0.3 V to VIN
EN to GND
–0.3 V to +24 V
SENSE/ADJ to GND
–0.3 V to +6 V
SS to GND
–0.3 V to VIN or
+6 V (whichever is
less)
Storage Temperature Range
–65°C to +150°C
Junction Temperature (TJ)
150°C
Operating Ambient Temperature (TA)
Range
–40°C to +125°C
Soldering Conditions
JEDEC J-STD-020
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the
operational section of this specification is not implied.
Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
THERMAL DATA
Absolute maximum ratings apply individually only, not in
combination. The ADP7118 can be damaged when the junction
temperature limits are exceeded. Monitoring ambient temperature
does not guarantee that TJ is within the specified temperature
limits. In applications with high power dissipation and poor
thermal resistance, the maximum ambient temperature may
have to be derated.
In applications with moderate power dissipation and low
printed circuit board (PCB) thermal resistance, the maximum
ambient temperature can exceed the maximum limit as long as
the junction temperature is within specification limits. The
junction temperature of the device is dependent on the ambient
temperature, the power dissipation (PD) of the device, and the
junction-to-ambient thermal resistance of the package (θJA).
Maximum TJ is calculated from the TA and PD using the
formula
TJ = TA + (PD × θJA)
(1)
θJA of the package is based on modeling and calculation using a
4-layer board. The θJA is highly dependent on the application
and board layout. In applications where high maximum power
dissipation exists, close attention to thermal board design is
required. The value of θJA may vary, depending on PCB material,
layout, and environmental conditions. The specified values of θJA
are based on a 4-layer, 4 inches × 3 inches circuit board. See
JESD51-7 and JESD51-9 for detailed information on the board
construction.
ΨJB is the junction-to-board thermal characterization parameter
with units of °C/W. The ΨJB of the package is based on
modeling and calculation using a 4-layer board. The JESD51-12,
Guidelines for Reporting and Using Electronic Package Thermal
Information, states that thermal characterization parameters are
not the same as thermal resistances. ΨJB measures the component
power flowing through multiple thermal paths rather than a
single path as in thermal resistance (θJB). Therefore, ΨJB thermal
paths include convection from the top of the package as well as
radiation from the package, factors that make ΨJB more useful
in real-world applications. Maximum TJ is calculated from the
board temperature (TB) and PD using the formula
TJ = TB + (PD × ΨJB)
(2)
See JESD51-8 and JESD51-12 for more detailed information
about ΨJB.
THERMAL RESISTANCE
θJA, θJC, and ΨJB are specified for the worst-case conditions, that
is, a device soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θJA
θJC
ΨJB
Unit
6-Lead LFCSP
72.1
42.3
47.1
°C/W
8-Lead SOIC
52.7
41.5
32.7
°C/W
5-Lead TSOT
170
N/A1
43
°C/W
1
N/A means not applicable.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com