Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7118ACPZN2.5-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP7118ACPZN2.5-R7
Description  20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7118ACPZN2.5-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP7118ACPZN2.5-R7 Datasheet HTML 12Page - Analog Devices ADP7118ACPZN2.5-R7 Datasheet HTML 13Page - Analog Devices ADP7118ACPZN2.5-R7 Datasheet HTML 14Page - Analog Devices ADP7118ACPZN2.5-R7 Datasheet HTML 15Page - Analog Devices ADP7118ACPZN2.5-R7 Datasheet HTML 16Page - Analog Devices ADP7118ACPZN2.5-R7 Datasheet HTML 17Page - Analog Devices ADP7118ACPZN2.5-R7 Datasheet HTML 18Page - Analog Devices ADP7118ACPZN2.5-R7 Datasheet HTML 19Page - Analog Devices ADP7118ACPZN2.5-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADP7118
Data Sheet
Rev. F | Page 16 of 24
NOISE REDUCTION OF THE ADP7118 IN
ADJUSTABLE MODE
The ultralow output noise of the ADP7118 is achieved by keeping
the LDO error amplifier in unity gain and setting the reference
voltage equal to the output voltage. This architecture does not
work for an adjustable output voltage LDO in the conventional
sense. However, the ADP7118 architecture allows any fixed
output voltage to be set to a higher voltage with an external
voltage divider. For example, a fixed 5 V output can be set to a
10 V output according to Equation 3 (see Figure 50):
VOUT = 5 V(1 + R1/R2)
The disadvantage in using the ADP7118 in this manner is that
the output voltage noise is proportional to the output voltage.
Therefore, it is best to choose a fixed output voltage that is close
to the target voltage to minimize the increase in output noise.
The adjustable LDO circuit can be modified to reduce the
output voltage noise to levels close to that of the fixed output
ADP7118. The circuit shown in Figure 50 adds two additional
components to the output voltage setting resistor divider. CNR
and RNR are added in parallel with R1 to reduce the ac gain of
the error amplifier. RNR is chosen to be small with respect to R2.
If RNR is 1% to 10% of the value of R2, the minimum ac gain of
the error amplifier is approximately 0.1 dB to 0.8 dB. The actual
gain is determined by the parallel combination of RNR and R1.
This gain ensures that the error amplifier always operates at
slightly greater than unity gain.
CNR is chosen by setting the reactance of CNR equal toR1 − RNR
at a frequency between 1 Hz and 50 Hz. This setting places the
frequency where the ac gain of the error amplifier is 3 dB down
from the dc gain.
VOUT = 10V
VIN = 12V
VOUT
VIN
GND
SENSE/ADJ
EN
100k
Ω
200k
Ω
COUT
2.2µF
CIN
2.2µF
ON
OFF
RNR
10k
Ω
R2
100k
Ω
+
+
R1
100k
Ω
CNR
1µF
+
Figure 50. Noise Reduction Modification
The noise of the adjustable LDO is found by using the
following formula, assuming the noise of a fixed output LDO is
approximately 11 μV.
Noise = 11 μV × (RPAR + R2)/R2
(9)
where RPAR is a parallel combination of R1 and RNR.
Based on the component values shown in Figure 50, the ADP7118
has the following characteristics:
•
DC gain of 10 (20 dB)
•
3 dB roll-off frequency of 1.75 Hz
•
High frequency ac gain of 1.099 (0.82 dB)
•
Theoretical noise reduction factor of 9.1 (19.2 dB)
•
Measured rms noise of the adjustable LDO without noise
reduction is 70 µV rms
•
Measured rms noise of the adjustable LDO with noise
reduction is 12 µV rms
•
Measured noise reduction of approximately 15.3 dB
Note that the measured noise reduction is less than the theoretical
noise reduction. Figure 51 shows the noise spectral density of an
adjustable ADP7118 set to 6 V and 12 V with and without the
noise reduction network. The output noise with the noise
reduction network is approximately the same for both voltages,
especially beyond 100 Hz. The noise of the 6 V and 12 V outputs
without the noise reduction network differs by a factor of 2 up to
approximately 20 kHz. Above 40 kHz, the closed loop gain of
the error amplifier is limited by the open loop gain characteristic.
Therefore, the noise contribution from 20 kHz to 100 kHz is
less than what it is if the error amplifier had infinite bandwidth.
This is also the reason why the noise is less than what might be
expected simply based on the dc gain, that is, 70 µV rms vs.
110 µV rms.
FREQUENCY (Hz)
10M
1M
100k
10k
1k
100
10
1
1
10
100
10k
100k
1k
12V NOISE REDUCTION
12V NO NOISE REDUCTION
6V NOISE REDUCTION
6V NO NOISE REDUCTION
Figure 51. 6 V and 12 V Output Voltage with and Without Noise Reduction
Network
EFFECT OF NOISE REDUCTION ON START-UP TIME
The start-up time of the ADP7118 is affected by the noise
reduction network and must be considered in applications
where power supply sequencing is critical.
The noise reduction circuit adds a pole in the feedback loop,
slowing down the start-up time. To approximate the start-up time
for an adjustable model with a noise reduction network using the
following equation:
SSNRTIME (sec) = 5.5 × CNR × (RNR + RFB1)
For a CNR, RNR, and R1 combination of 1 µF, 10 kΩ, and 100 kΩ,
as shown in Figure 50, the start-up time is approximately 0.6 sec.
When SSNRTIME is greater than SSTIME, SSNRTIME dictates the
length of the start-up time instead of the soft start capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com