Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT899 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74ACT899
Description  9-Bit Latchable Transceiver with Parity Generator/Checker
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ACT899 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button 74ACT899 Datasheet HTML 6Page - National Semiconductor (TI) 74ACT899 Datasheet HTML 7Page - National Semiconductor (TI) 74ACT899 Datasheet HTML 8Page - National Semiconductor (TI) 74ACT899 Datasheet HTML 9Page - National Semiconductor (TI) 74ACT899 Datasheet HTML 10Page - National Semiconductor (TI) 74ACT899 Datasheet HTML 11Page - National Semiconductor (TI) 74ACT899 Datasheet HTML 12Page - National Semiconductor (TI) 74ACT899 Datasheet HTML 13Page - National Semiconductor (TI) 74ACT899 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AC Electrical Characteristics
74AC
74AC
VCC
TA ea25 C
TA eb40 C
Fig
Symbol
Parameter
(V)
CL e 50 pF
to a85 C
Units
No
CL e 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
33
25
120
150
25
155
ns
1
tPHL
An Bn to Bn An
50
15
70
100
15
105
tPLH
Propagation Delay
33
25
95
120
25
125
ns
1
tPHL
APAR BPAR to BPAR APAR
50
15
55
80
15
85
tPLH
Propagation Delay
33
30
135
165
30
170
ns
2
tPHL
An Bn to BPAR APAR
50
20
80
110
20
115
tPLH
Propagation Delay
33
25
125
155
25
165
ns
3
tPHL
An Bn to ERRA ERRB
50
15
75
105
15
110
tPLH
Propagation Delay
33
25
125
155
25
165
ns
4
tPHL
ODDEVEN to ERRA ERRB
50
15
75
105
15
110
tPLH
Propagation Delay
33
30
125
155
30
165
ns
5
tPHL
ODDEVEN to APAR BPAR
50
20
75
105
20
110
tPLH
Propagation Delay
33
20
125
155
20
165
ns
6
tPHL
APAR BPAR to ERRA ERRB
50
15
75
105
15
110
tPLH
Propagation Delay
33
20
100
125
20
135
ns
9
tPHL
SEL to APAR BPAR
50
15
60
85
15
90
tPLH
Propagation Delay
33
40
120
155
40
165
ns
10 11
tPHL
LEB LEA to An Bn
50
25
70
105
25
110
tPLH
Propagation Delay
33
30
135
170
30
180
ns
10 11
tPHL
LEB LEA to APAR BPAR
50
20
80
115
20
120
tPLH
Propagation Delay
33
40
135
170
40
180
ns
12
tPHL
LEB LEA to ERRA ERRB
50
25
80
115
25
120
tPZH
Output Enable Time
33
30
125
155
30
165
ns
7 8
tPZL
GBA GAB to An Bn
50
20
75
105
20
110
tPZH
Output Enable Time
33
25
105
135
25
140
ns
7 8
tPZL
GBA GAB to APAR BPAR
50
15
60
90
15
95
tPHZ
Output Disable Time
33
15
110
140
15
140
ns
7 8
tPLZ
GBA GAB to An Bn
50
10
65
95
10
95
tPHZ
Output Disable Time
33
15
110
140
15
140
ns
7 8
tPHL
GBA GAB to APAR BPAR
50
10
65
95
10
95
Voltage Range 50 is 50V g05V
Voltage Range 33 is 33V g03V
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com