Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT899 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74ACT899
Description  9-Bit Latchable Transceiver with Parity Generator/Checker
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ACT899 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button 74ACT899 Datasheet HTML 6Page - National Semiconductor (TI) 74ACT899 Datasheet HTML 7Page - National Semiconductor (TI) 74ACT899 Datasheet HTML 8Page - National Semiconductor (TI) 74ACT899 Datasheet HTML 9Page - National Semiconductor (TI) 74ACT899 Datasheet HTML 10Page - National Semiconductor (TI) 74ACT899 Datasheet HTML 11Page - National Semiconductor (TI) 74ACT899 Datasheet HTML 12Page - National Semiconductor (TI) 74ACT899 Datasheet HTML 13Page - National Semiconductor (TI) 74ACT899 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
AC Operating Requirements
74ACT
54ACT
74ACT
VCC
TA ea25 C
TA eb55 CTA eb40 C
Fig
Symbol
Parameter
(V)
CL e 50 pF
to a125 Cto a85 C
Units
No
CL e 50 pF
CL e 50 pF
Guaranteed Minimum
ts
Setup Time HIGH or LOW
50
30
30
30
ns
11 12
An Bn PAR to LEA LEB
th
Hold Time HIGH or LOW
50
15
30
15
ns
11 12
An Bn PAR to LEA LEB
tw
Pulse Width for LEB LEA
50
40
40
40
ns
13
Voltage Range 50 e 50V g05V
Capacitance
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
45
pF
VCC e 50V
CPD
Power Dissipation
210
pF
VCC e 50V
Capacitance
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74ACT
899
Q
C
X
Temperature Range Family
Special Variations
74AC e Commercial
X e Devices shipped in 13 reels
74ACT e Commercial TTL-Compatible
QB e Military grade with environmental
54ACT e Military TTL-Compatible
and burn-in processing shipped
in tubes
Device Type
Temperature Range
Package Code
CeCommercial (b40 Cto a85 C)
Q e Plastic Leaded Chip Carrier (PCC)
MeMilitary (b55 Cto a125 C)
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com