Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7118ARDZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP7118ARDZ-R7
Description  20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7118ARDZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP7118ARDZ-R7 Datasheet HTML 1Page - Analog Devices ADP7118ARDZ-R7 Datasheet HTML 2Page - Analog Devices ADP7118ARDZ-R7 Datasheet HTML 3Page - Analog Devices ADP7118ARDZ-R7 Datasheet HTML 4Page - Analog Devices ADP7118ARDZ-R7 Datasheet HTML 5Page - Analog Devices ADP7118ARDZ-R7 Datasheet HTML 6Page - Analog Devices ADP7118ARDZ-R7 Datasheet HTML 7Page - Analog Devices ADP7118ARDZ-R7 Datasheet HTML 8Page - Analog Devices ADP7118ARDZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADP7118
Rev. F | Page 3 of 24
SPECIFICATIONS
VIN = VOUT + 1 V or 2.7 V, whichever is greater, VOUT = 5 V, EN = VIN, IOUT = 10 mA, CIN = COUT = 2.2 µF, CSS = 0 pF, TA = 25°C for typical
specifications, TJ = −40°C to +125°C for minimum/maximum specifications, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN
2.7
20
V
OPERATING SUPPLY CURRENT
IGND
IOUT = 0 µA
50
140
µA
IOUT = 10 mA
80
190
µA
IOUT = 200 mA
180
320
µA
SHUTDOWN CURRENT
IGND-SD
EN = GND
1.8
µA
EN = GND, VIN = 20 V
3.0
10
µA
OUTPUT VOLTAGE ACCURACY
Output Voltage Accuracy
VOUT
IOUT = 10 mA, TJ = 25°C
–0.8
+0.8
%
100 μA < IOUT < 200 mA, VIN = (VOUT + 1 V) to 20 V,
TJ = −40°C to +85°C
–1.2
+1.5
%
100 μA < IOUT < 200 mA, VIN = (VOUT + 1 V) to 20 V
–1.8
+1.8
%
LINE REGULATION
∆VOUT/∆VIN
VIN = (VOUT + 1 V) to 20 V
–0.015
+0.015
%/V
LOAD REGULATION1
∆VOUT/∆IOUT
IOUT = 100 μA to 200 mA
0.002
0.004
%/mA
SENSE INPUT BIAS CURRENT
SENSEI-BIAS
100 μA < IOUT < 200 mA VIN = (VOUT + 1 V) to 20 V
10
1000
nA
DROPOUT VOLTAGE2
VDROPOUT
IOUT = 10 mA
30
60
mV
IOUT = 200 mA
200
420
mV
START-UP TIME3
tSTART-UP
VOUT = 5 V
380
µs
SOFT START SOURCE CURRENT
SSI-SOURCE
SS = GND
1.15
µA
CURRENT-LIMIT THRESHOLD4
ILIMIT
250
360
460
mA
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TSSD
TJ rising
150
°C
Thermal Shutdown Hysteresis
TSSD-HYS
15
°C
UNDERVOLTAGE THRESHOLDS
Input Voltage Rising
UVLORISE
2.69
V
Input Voltage Falling
UVLOFALL
2.2
V
Hysteresis
UVLOHYS
230
mV
PRECISION EN INPUT
2.7 V ≤ VIN ≤ 20 V
Logic High
ENHIGH
1.15
1.22
1.30
V
Logic Low
ENLOW
1.06
1.12
1.18
V
Logic Hysteresis
ENHYS
100
mV
Leakage Current
IEN-LKG
EN = VIN or GND
0.04
1
µA
Delay Time
tEN-DLY
From EN rising from 0 V to VIN to 0.1 × VOUT
80
μs
OUTPUT NOISE
OUTNOISE
10 Hz to 100 kHz, all output voltage options
11
µV rms
POWER SUPPLY REJECTION RATIO
PSRR
1 MHz, VIN = 7 V, VOUT = 5 V
50
dB
100 kHz, VIN = 7 V, VOUT = 5 V
68
dB
10 kHz, VIN = 7 V, VOUT = 5 V
88
dB
1
Based on an endpoint calculation using 100 μA and 200 mA loads. See Figure 7 for typical load regulation performance for loads less than 1 mA.
2
Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the nominal output voltage. Dropout applies only for output
voltages above 2.7 V.
3
Start-up time is defined as the time between the rising edge of EN to OUT being at 90% of the nominal value.
4
Current-limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 5.0 V
output voltage is defined as the current that causes the output voltage to drop to 90% of 5.0 V or 4.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com