Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7118ARDZ-R7 Datasheet (PDF) - Analog Devices

ADP7118ARDZ-R7 Datasheet PDF - Analog Devices
Part # ADP7118ARDZ-R7
Download  ADP7118ARDZ-R7 Download
File Size   915.43 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator

ADP7118ARDZ-R7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP7118ARDZ-R7 Datasheet PDF - Analog Devices

Part # ADP7118ARDZ-R7
Download  ADP7118ARDZ-R7 Click to download

File Size   915.43 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator

ADP7118ARDZ-R7 Datasheet (HTML) - Analog Devices


ADP7118ARDZ-R7 Product details

GENERAL DESCRIPTION
The ADP7118 is a CMOS, low dropout (LDO) linear regulator that operates from 2.7 V to 20 V and provides up to 200 mA of output current. This high input voltage LDO is ideal for the regulation of high performance analog and mixed-signal circuits operating from 20 V down to 1.2 V rails. Using an advanced proprietary architecture, the device provides high power supply rejection, low noise, and achieves excellent line and load transient response with a small 2.2 µF ceramic output capacitor. The ADP7118 regulator output noise is 11 μV rms independent of the output voltage for the fixed options of 5 V or less.
The ADP7118 is available in 16 fixed output voltage options.
The following voltages are available from stock: 1.2 V (adjustable), 1.8 V, 2.5 V, 3.3 V, 4.5 V, and 5.0 V.
Additional voltages available by special order are 1.5 V, 1.85 V, 2.0 V, 2.2 V, 2.75 V, 2.8 V, 2.85 V, 3.8 V, 4.2 V, and 4.6 V.
Each fixed output voltage can be adjusted above the initial set point with an external feedback divider. This allows the ADP7118 to provide an output voltage from 1.2 V to VIN − VDO with high PSRR and low noise.
User programmable soft start with an external capacitor is available in the LFCSP and SOIC packages.
The ADP7118 is available in a 6-lead, 2 mm × 2 mm LFCSP making it not only a very compact solution, but it also provides excellent thermal performance for applications requiring up to 200 mA of output current in a small, low profile footprint. The ADP7118 is also available in a 5-lead TSOT and an 8-lead SOIC.

FEATURES
   Low noise: 11 µV rms independent of fixed output voltage
   PSRR of 88 dB at 10 kHz, 68 dB at 100 kHz, 50 dB at 1 MHz,
      VOUT ≤ 5 V, VIN = 7 V
   Input voltage range: 2.7 V to 20 V
   Maximum output current: 200 mA
   Initial accuracy: ±0.8%
   Accuracy over line, load, and temperature
      ±1.1%, TJ = −40°C to +85°C
      ±1.8%, TJ = −40°C to +125°C
   Low dropout voltage: 200 mV (typical) at a 200 mA load,
      VOUT = 5 V
   User programmable soft start (LFCSP and SOIC only)
   Low quiescent current, IGND = 50 μA (typical) with no load
   Low shutdown current: 1.8 μA at VIN = 5 V, 3.0 μA at VIN = 20 V
      Stable with a small 2.2 µF ceramic output capacitor
   Fixed output voltage options: 1.8 V, 2.5 V, 3.3 V, 4.5 V, and 5.0 V
      16 standard voltages between 1.2 V and 5.0 V are available
   Adjustable output from 1.2 V to VIN – VDO, output can be
      adjusted above initial set point
   Precision enable
   2 mm × 2 mm, 6-lead LFCSP, 8-Lead SOIC, 5-Lead TSOT

APPLICATIONS
   Regulation to noise sensitive applications
      ADC and DAC circuits, precision amplifiers, power for
      VCO VTUNE control
   Communications and infrastructure
   Medical and healthcare
   Industrial and instrumentation
   Supported by ADIsimPower tool




Similar Part No. - ADP7118ARDZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP7118 AD-ADP7118 Datasheet
1Mb / 47P
20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
More results


Similar Description - ADP7118ARDZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP151 AD-ADP151 Datasheet
540Kb / 24P
Ultralow Noise,200 mA, CMOS Linear Regulator
REV. 0
ADP151_VD AD-ADP151_VD Datasheet
574Kb / 24P
Ultralow Noise, 200 mA, CMOS Linear Regulator
REV. D
logo
ON Semiconductor
NCV8570B ONSEMI-NCV8570B Datasheet
614Kb / 21P
200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
May, 2011 ??Rev. 1
logo
Unisonic Technologies
LR1122B UTC-LR1122B_10 Datasheet
233Kb / 11P
LOW NOISE 200 mA LDO REGULATOR
logo
Analog Devices
ADP7102 AD-ADP7102 Datasheet
756Kb / 28P
20 V, 300 mA, Low Noise, CMOS LDO
REV. A
ADP7104 AD-ADP7104 Datasheet
727Kb / 28P
20 V, 500 mA, Low Noise, CMOS LDO
REV. B
ADP151CB-3.3-EVALZ AD-ADP151CB-3.3-EVALZ Datasheet
561Kb / 24P
Ultralow Noise, 200 mA, CMOS Linear Regulator
Rev. E
logo
ON Semiconductor
NCV8570B ONSEMI-NCV8570B_13 Datasheet
646Kb / 20P
200 mA, Ultra Low Noise, High PSRR, LDO, Linear Voltage Regulator
June, 2013 ??Rev. 3
logo
Analog Devices
ADP7112 AD-ADP7112 Datasheet
584Kb / 21P
20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. D
ADP7142 AD-ADP7142 Datasheet
1Mb / 23P
40 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. H
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com