Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XLDACBL5 Datasheet(PDF) 1 Page - Intel Corporation

Part # XLDACBL5
Description  Intel짰 Ethernet QSFP Cables
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

XLDACBL5 Datasheet(HTML) 1 Page - Intel Corporation

  XLDACBL5 Datasheet HTML 1Page - Intel Corporation XLDACBL5 Datasheet HTML 2Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Intel® Ethernet QSFP+ Cables
QSFP+ Passive Copper Cables for Intel® Ethernet Converged Network Adapters
Intel® Ethernet QSFP+ Breakout Cables
offer IT professionals a cost-effective
interconnect solution for merging 40GbE
QSFP+ and 10GbE SFP+ adapters, switch-
es, and servers. Each cable features a
single QSFP+ connector (SFF-8436) rated
for 40-Gbps on one and (4) SFP+ connec-
tors (SFF-8431), each rated for 10-Gbps,
on the other. This cable type allows cus-
tomers to bridge the gap between 10GbE
and 40GbE cables, switches and adapters,
and economically links a QSFP+ port with
an upstream 10GbE SFP+ switch.
Intel® Ethernet QSFP+ Cables provide a
high density, high bandwidth solution
at low cost and reduced power budget.
Available in 1 meter, 3 meter, and 5
meter lengths, both cable types are fully
compliant with MSA standards. Custom-
ers can move efficiently to 40GbE for high
bandwidth application requirements such
as content distribution, high-end virtu-
alization using multiple CPUs, network
appliances, and Applications Delivery
Controllers (ACD) used for content cach-
ing, load balancing, and compression. To
ensure maximum flexibility, Intel supports
the ability to use any combination of Intel®
Ethernet QSFP+ Optic, Intel® Ethernet
QSFP+ Twinaxial Cable, or Intel® Ethernet
QSFP+ Breakout Cable.
This enables customers to create the
configuration that best meets the needs
of their data center environment, while
ensuring compatibility between adapter
and accessories.
Overview
Intel offers Intel® Ethernet QSFP+ passive
copper cables for customers who would
like to deploy Intel® Ethernet Converged
Network Adapters with a QSFP+ direct
attach cable. Intel® Ethernet Converged
Network Adapters with QSFP+ connectiv-
ity deliver proven, reliable solutions for
deployments of high density Ethernet
for unified 10GbE network connections.
These QSFP+ adapters use the latest PCI
Express* v3.0 bus technology for maxi-
mum bandwidth and address the increas-
ing capability of the latest Intel® Xeon*
processor E5/E7 based platforms.
Intel® Ethernet QSFP+ Twinaxial Cables
are 40GBASE-CR4 802.3ba qualified pas-
sive copper cables that provide next gen-
eration performance by combining four
10Gb/s SFP+ channels into one affordable
high-density QSFP+ package.
Key Features
• 1m (3.3 ft), 3m (9.8 ft), and 5m (16.4
ft) QSFP+ 40GbE direct attach passive
copper cables
• QSFP+ Direct Attach cables offer a
highly cost effective way to connect
within racks and across adjacent racks
• Fully compatible with Intel® Ethernet
Converged Network Adapters
• Supports 10-Gigabit Ethernet and
802.3ba 40-Gigabit Ethernet standards
• QSFP+ MSA (Multi-Source-Agreement)
compliant
• QSFP+ to QSFP+ 30 AWG SFF-8436
compliant cable and connector design
• Zinc die-cast SFP+ and QSFP+ connec-
tors with pull-to-release latching
• Low cross-talk and pair-to-pair skew
maintains signal integrity
• 3x the port density of standard SFP+
product – saves rack space and power
• Reduced power budget and lower port
cost compared to optical solutions
• Conforms to environmental stan-
dards as described in the Product
Environment Content Report
• One year warranty
PRODUCT BRIEF
Intel® Ethernet QSFP+ Cables
Network Connectivity


Similar Part No. - XLDACBL5

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
XLDACBL5-C ATGBICS-XLDACBL5-C Datasheet
332Kb / 8P
XLDACBL5 Intel Compatible Direct Attach Copper Twinax Cable 40G QSFP (5m, Passive)
More results

Similar Description - XLDACBL5

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIOE-220 ADVANTECH-MIOE-220_13 Datasheet
192Kb / 1P
3 x Intel짰 Gigabit Ethernet
logo
Intel Corporation
82541PI INTEL-82541PI Datasheet
674Kb / 2P
Intel짰 82541PI Gigabit Ethernet Controller
82545GM INTEL-82545GM Datasheet
74Kb / 2P
Intel짰 82545GM Gigabit Ethernet Controller
logo
List of Unclassifed Man...
74003PU ETC2-74003PU Datasheet
295Kb / 4P
Industrial Ethernet Cables
NCS2-IQM201 ETC2-NCS2-IQM201 Datasheet
692Kb / 4P
Dual ports 40G QSFP NIC Module with Intel짰 XL710 Ethernet Controller
1319753 ETC2-1319753 Datasheet
280Kb / 4P
Industrial Ethernet Cables
1319759 ETC2-1319759 Datasheet
295Kb / 4P
Industrial Ethernet Cables
1319766 ETC2-1319766 Datasheet
286Kb / 4P
Industrial Ethernet Cables
logo
Lanner All Rights Reser...
NCS2-IQM201 LANNER-NCS2-IQM201 Datasheet
692Kb / 4P
Dual ports 40G QSFP NIC Module with Intel짰 XL710 Ethernet Controller
logo
Omron Electronics LLC
XS6 OMRON-XS6 Datasheet
2Mb / 12P
Industrial Ethernet Cables
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com