Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82541PI Datasheet (PDF) - Intel Corporation

82541PI Datasheet PDF - Intel Corporation
Part # 82541PI
Download  82541PI Download
File Size   674.52 Kbytes
Page   2 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Intel짰 82541PI Gigabit Ethernet Controller

82541PI Datasheet (PDF)

Go To PDF Page Download Datasheet
82541PI Datasheet PDF - Intel Corporation

Part # 82541PI
Download  82541PI Click to download

File Size   674.52 Kbytes
Page   2 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Intel짰 82541PI Gigabit Ethernet Controller

82541PI Datasheet (HTML) - Intel Corporation


82541PI Product details

Introduction
The Intel® 82541(PI/GI/EI) Gigabit Ethernet is a single, compact component with an integrated Gigabit Ethernet Media Access Control (MAC) and physical layer (PHY) functions. For desktop, workstation and mobile PC Network designs with critical space constraints, the Intel® 82541(PI/GI/EI) allows for a Gigabit Ethernet implementation in a very small area that is footprint compatible with current generation 10/100 Mbps Fast Ethernet designs.

Product Features
■ PCI Bus
    — PCI revision 2.3, 32-bit, 33/66 MHz
    — Algorithms that optimally use advanced PCI MWI, MRM, and MRL commands
    — CLK_RUN# signal
    — 3.3 V (5 V tolerant PCI signaling)
■ MAC Specific
    — Low-latency transmit and receive queues
    — IEEE 802.3x-compliant flow-control support with software-controllable thresholds
    — Caches up to 64 packet descriptors in a single burst
    — Programmable host memory receive buffers (256 B to 16 KB) and cache line size (16 B to 256 B)
    — Wide, optimized internal data path architecture
    — 64 KB configurable Transmit and Receive FIFO buffers
■ PHY Specific
    — Integrated for 10/100/1000 Mb/s full- and half-duplex operation
    — IEEE 802.3ab Auto-Negotiation and PHY compliance and compatibility
    — State-of-the-art DSP architecture implements digital adaptive equalization, echo and cross talk cancellation
    — Automatic polarity detection
    — Automatic detection of cable lengths and MDI vs. MDI-X cable at all speeds
■ Host Off-Loading
    — Transmit and receive IP, TCP, and UDP checksum off-loading capabilities
    — Transmit TCP segmentation and advanced packed filtering
    — IEEE 802.1Q VLAN tag insertion and stripping and packet filtering for up to 4096 VLAN tags
    — Jumbo frame support up to 16 KB
    — Intelligent Interrupt generation (multiple packets per interrupt)
■ Manageability
    — On-chip SMBus 2.0 port
    — ASF 1.0 and 2.0
    — Compliance with PCI Power Management v1.1/ACPI v2.0
    — Wake on LAN* (WoL) support
    — Smart Power Down mode when no signal is detected on the wire
    — Power Save mode switches link speed from 1000 Mb/s down to 10 or 100 Mb/s when on battery power
■ Additional Device
    — Four programmable LED outputs
    — On-chip power regulator control circuitry
    — BIOS LAN Disable pin
    — JTAG (IEEE 1149.1) Test Access Port built in silicon (3.3 V, 5 V tolerant PCI signaling)




Similar Part No. - 82541PI

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82541 INTEL-82541 Datasheet
711Kb / 46P
Family of Gigabit Ethernet Controllers
logo
Wurth Elektronik GmbH &...
82541110 WURTH-82541110 Datasheet
165Kb / 5P
HIGH SURGE 1206 SMD VARISTOR
82541140 WURTH-82541140 Datasheet
165Kb / 5P
HIGH SURGE 1206 SMD VARISTOR
82541200 WURTH-82541200 Datasheet
503Kb / 6P
WE-VS SMT Varistor
001.000
82541250 WURTH-82541250 Datasheet
165Kb / 5P
HIGH SURGE 1206 SMD VARISTOR
More results


Similar Description - 82541PI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC9021 ETC-TC9021 Datasheet
20Kb / 2P
Gigabit Ethernet Controller
logo
Intel Corporation
82571EB INTEL-82571EB Datasheet
334Kb / 4P
Gigabit Ethernet Controller
82544EI INTEL-82544EI Datasheet
368Kb / 52P
Gigabit Ethernet Controller
317697-001 INTEL-317697-001 Datasheet
544Kb / 69P
Gigabit Ethernet Controller
logo
Advantech Co., Ltd.
MIOE-220 ADVANTECH-MIOE-220_13 Datasheet
192Kb / 1P
3 x Intel짰 Gigabit Ethernet
logo
Intel Corporation
82545GM INTEL-82545GM Datasheet
74Kb / 2P
Intel짰 82545GM Gigabit Ethernet Controller
82575EB INTEL-82575EB Datasheet
904Kb / 62P
Intel짰 82575EB Gigabit Ethernet Controller Datasheet
82576EB INTEL-82576EB Datasheet
836Kb / 34P
Intel짰 82576EB Gigabit Ethernet Controller Specification Update
82598EB INTEL-82598EB Datasheet
5Mb / 596P
Intel짰 82598EB 10 Gigabit Ethernet Controller Datasheet
82545EM INTEL-82545EM Datasheet
774Kb / 28P
Gigabit Ethernet Controller
June 6, 2006
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com