Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82541PI Datasheet(PDF) 1 Page - Intel Corporation

Part # 82541PI
Description  Intel짰 82541PI Gigabit Ethernet Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82541PI Datasheet(HTML) 1 Page - Intel Corporation

  82541PI Datasheet HTML 1Page - Intel Corporation 82541PI Datasheet HTML 2Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Intel® 82541PI Gigabit
Ethernet Controller
Intel in
Communications
High-performance,
power-optimized Gigabit
connection for mobile and
desktop PCI-based designs
The Intelligent Way to Connect
I Longer battery life through reduced power
usage and enhanced power management
I System health monitoring and authenticated
remote power control with ASF 2.0
I Design flexibility with Intel® SingleDriverTM
technology and footprint-compatibility
with Intel® PRO 10/100 and
10/100/1000 Connections
The Intel® 82541PI Gigabit Ethernet Controller
provides optimized Gigabit networking for
power-sensitive designs, such as mobile PC
applications. This highly efficient controller, with
enhanced power management, consumes less
than 1.0W of power at Gigabit speeds. When
no signal is detected on the wire, the controller
reduces power consumption by switching to
100 or 10 and powering down the physical-
layer circuitry (PHY). When a signal is detected,
the controller automatically negotiates the con-
nection to Gigabit, if available. To reduce the
battery drain, the controller automatically
switches the link to 100Mbps operation when
on battery power.
The Intel 82541PI Gigabit Ethernet Controller
enhances secure manageability and system
health monitoring over the LAN with support
for IPMI 1.5, ASF 2.0 and Advanced Pass
Through. For IPMI designs, the on-board SMBus
port can pass management traffic through the
controller to a management device, such as
a Baseboard Management Controller (BMC).
Alternatively, ASF 2.0 provides manageability
without the cost burden of external hardware
via standardized interfaces. ASF 2.0 circuitry
provides advanced system health and security
alerting plus authenticated remote power
control capabilities.
The Intel 82541PI combines Intel’s fifth-
generation Gigabit MAC design with fully
integrated PHY to provide a standard IEEE
802.3 Ethernet interface for 1000BASE-T,
100BASE-TX and 10BASE-T applications.
In addition, the controller provides a direct
Peripheral Component (PCI) Interconnect
designed to be compliant with the PCI 2.3
bus up to 66MHz. Packaged in a 15x15mm
PBGA, the Intel 82541PI Gigabit Ethernet
Controller is footprint-compatible with the
Intel® 82551QM Fast Ethernet Controller
and Intel® 82562EX and 82562EZ devices.
Footprint-compatibility, plus Intel SingleDriver
technology allow for a flexible Gigabit Ethernet
or Fast Ethernet implementation on the same
motherboard layout.
With built-in power management capabilities
and enhanced manageability, the Intel 82541PI
Gigabit Ethernet Controller can help extend
battery life for mobile PC users, giving your
designs a competitive edge for tomorrow’s
mobile PCs.
Product Brief


Similar Part No. - 82541PI

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82541 INTEL-82541 Datasheet
711Kb / 46P
Family of Gigabit Ethernet Controllers
logo
Wurth Elektronik GmbH &...
82541110 WURTH-82541110 Datasheet
165Kb / 5P
HIGH SURGE 1206 SMD VARISTOR
82541140 WURTH-82541140 Datasheet
165Kb / 5P
HIGH SURGE 1206 SMD VARISTOR
82541200 WURTH-82541200 Datasheet
503Kb / 6P
WE-VS SMT Varistor
001.000
82541250 WURTH-82541250 Datasheet
165Kb / 5P
HIGH SURGE 1206 SMD VARISTOR
More results

Similar Description - 82541PI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC9021 ETC-TC9021 Datasheet
20Kb / 2P
Gigabit Ethernet Controller
logo
Intel Corporation
82571EB INTEL-82571EB Datasheet
334Kb / 4P
Gigabit Ethernet Controller
82544EI INTEL-82544EI Datasheet
368Kb / 52P
Gigabit Ethernet Controller
317697-001 INTEL-317697-001 Datasheet
544Kb / 69P
Gigabit Ethernet Controller
logo
Advantech Co., Ltd.
MIOE-220 ADVANTECH-MIOE-220_13 Datasheet
192Kb / 1P
3 x Intel짰 Gigabit Ethernet
logo
Intel Corporation
82545GM INTEL-82545GM Datasheet
74Kb / 2P
Intel짰 82545GM Gigabit Ethernet Controller
82575EB INTEL-82575EB Datasheet
904Kb / 62P
Intel짰 82575EB Gigabit Ethernet Controller Datasheet
82576EB INTEL-82576EB Datasheet
836Kb / 34P
Intel짰 82576EB Gigabit Ethernet Controller Specification Update
82598EB INTEL-82598EB Datasheet
5Mb / 596P
Intel짰 82598EB 10 Gigabit Ethernet Controller Datasheet
82545EM INTEL-82545EM Datasheet
774Kb / 28P
Gigabit Ethernet Controller
June 6, 2006
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com