Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ASC-12A1HP Datasheet(PDF) 7 Page - Microchip Technology

Part # 2ASC-12A1HP
Description  1200V XM3 Core Adapter Board
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

2ASC-12A1HP Datasheet(HTML) 7 Page - Microchip Technology

Back Button 2ASC-12A1HP Datasheet HTML 3Page - Microchip Technology 2ASC-12A1HP Datasheet HTML 4Page - Microchip Technology 2ASC-12A1HP Datasheet HTML 5Page - Microchip Technology 2ASC-12A1HP Datasheet HTML 6Page - Microchip Technology 2ASC-12A1HP Datasheet HTML 7Page - Microchip Technology 2ASC-12A1HP Datasheet HTML 8Page - Microchip Technology 2ASC-12A1HP Datasheet HTML 9Page - Microchip Technology 2ASC-12A1HP Datasheet HTML 10Page - Microchip Technology 2ASC-12A1HP Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
XMCA1 – XM3 SiC Driver Core Adapter
Xmca1 - Xm3 Core Adapter Board 1 Spec Sheet V1
© 2021 AgileSwitch, LLC
Page 7 of 15
Temperature and High Voltage PWM Monitoring
The AgileSwitch 2ASC-12A1HP Driver provides two 31.5 kHz, 5.0V PWM output signals that monitor the
thermistor temperature (isolated or non-isolated) and the DC Link Voltage (High Side drain to Low Side source)
of the SiC MOSFET power module. The PWM signals have an output impedance of 510Ω. When combined
with an external low pass filter, these signals represent a real time voltage for both High Voltage and Thermistor
Temperature. A Sallen-Key active low pass filter can be used with these outputs as shown below with a 2 kHz
cut-off frequency. The cut-off frequency can be optimized for your application. For simplicity, a simple RC low
pass filter with 100 Hz cut-off frequency can also be used.
Figure 4 Example of a Low Pass Filter for DC Link PWM output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com