Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ASC-12A1HP Datasheet(PDF) 13 Page - Microchip Technology

Part # 2ASC-12A1HP
Description  1200V XM3 Core Adapter Board
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

2ASC-12A1HP Datasheet(HTML) 13 Page - Microchip Technology

Back Button 2ASC-12A1HP Datasheet HTML 7Page - Microchip Technology 2ASC-12A1HP Datasheet HTML 8Page - Microchip Technology 2ASC-12A1HP Datasheet HTML 9Page - Microchip Technology 2ASC-12A1HP Datasheet HTML 10Page - Microchip Technology 2ASC-12A1HP Datasheet HTML 11Page - Microchip Technology 2ASC-12A1HP Datasheet HTML 12Page - Microchip Technology 2ASC-12A1HP Datasheet HTML 13Page - Microchip Technology 2ASC-12A1HP Datasheet HTML 14Page - Microchip Technology 2ASC-12A1HP Datasheet HTML 15Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
XMCA1 – XM3 SiC Driver Core Adapter
Xmca1 - Xm3 Core Adapter Board 1 Spec Sheet V1
© 2021 AgileSwitch, LLC
Page 13 of 15
Part Numbers & Configuration Details
Part Number
Hardware Settings
Symbol
XMCA1
Rgon (Turn-on Gate Resistance)
RGON
1.1 Ω
Rgoff (Turn-off Gate Resistance)
RGOFF
1.1 Ω
Input Triggers
VIN_LOGIC
15V
Trigger Type
-
Single ended
Design Files
The Schematic, Layout and Bill of Materials for the XMCA1 are publicly available for download.
Please visit Microchip.com for access to these files.
Important Precautions
Caution: Handling devices with high voltages involves risk to life. It is imperative to
comply with all respective precautions and safety regulations.
When installing the core and adapter board, please make sure that power is turned off. Hot swapping may
cause damage to the IC components on the board.
AgileSwitch assumes that the core and adapter board have been mounted on the SiC MOSFET prior to
start-up testing. It is recommended that the user checks that the SiC MOSFET power modules are
operating inside the Specified Operating Area (SOA) as specified by the module manufacturer including
short circuit testing under very low load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com