Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMGP-6552 Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # AMGP-6552
Description  37 ??43.5 GHz Low Noise Down-Converter in SMT Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AMGP-6552 Datasheet(HTML) 4 Page - Broadcom Corporation.

  AMGP-6552 Datasheet HTML 1Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 2Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 3Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 4Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 5Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 6Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 7Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 8Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
11
15
21
23
25
13
17
19
11
15
21
23
25
13
17
19
11
15
21
23
25
13
17
19
4
4.5
5.5
6
6.5
5
4
4.5
5.5
6
6.5
5
4
4.5
5.5
6
6.5
5
LSL
USL
USL
USL
LSL
LSL
Image Rejection Ratio @ 40.5 GHz, Mean = 17.2 dB, LSL = 12.5 dB
NF @ 43.5 GHz, Mean = 5 dB, USL = 6 dB
NF @ 42 GHz, Mean = 4.7 dB, USL = 6 dB
NF @ 40.5 GHz, Mean = 4.8 dB, USL = 6 dB
Image Rejection Ratio CGain @ 42 GHz, Mean = 19.5 dB, LSL = 12.5 dB
Image Rejection Ratio @ 43.5 GHz, Mean = 20.2 dB, LSL = 12.5 dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com