Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMGP-6552 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # AMGP-6552
Description  37 ??43.5 GHz Low Noise Down-Converter in SMT Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AMGP-6552 Datasheet(HTML) 1 Page - Broadcom Corporation.

  AMGP-6552 Datasheet HTML 1Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 2Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 3Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 4Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 5Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 6Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 7Page - Broadcom Corporation. AMGP-6552 Datasheet HTML 8Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AMGP-6552
37 – 43.5 GHz Low Noise Down-Converter
in SMT Package
Data Sheet
Description
The AMGP-6552 is a broadband down-converter that
combines a low noise amplifier and a sub-harmonic image
reject mixer. It is housed in a 5 x 5 mm surface mount
package designed for use in applications between 37 GHz
and 43.5 GHz.  Over the frequency range from 40.5 to 43.5
GHz, it provides 12 dB typical down-conversion gain with
50
 RF & LO match. The required LO power is 17 dBm.
The typical input third order intercept point is -6 dBm and
Noise Figure is typically 5 dB.
Functional Block Diagram
Features
 5 x 5 mm surface mount package
 RF frequency range from 37 to 43.5 GHz
 LO frequency range from 16.75 to 23.5 GHz
 IF frequency range from DC to 3 GHz
 +17 dBm LO driver power
 12 dB Conversion Gain
 -4.3 dBm Input IP3 @ 4 0.5 GHz, and -8.7 dBm @ 43.5
GHz
 Vdd = 3 V and Idd = 100 mA
Application
 Microwave Radio Systems
Package Diagram
Attention: Observe Precautions for
handling electrostatic sensitive devices.
ESD Machine Model: 40 V
ESD Human Body Model: 200 V
Refer to Avago Application Note A004R:
Electrostatic Discharge Damage and Control.
Pin
Function
1
IF1
2NC
3
IF2
4LO
5NC
6NC
7Vdd
8
RF_IN
8
1
2
3
4
5
6
7
RF
LO
IF1
NC
IF2
NC
NC
Vdd
8
RF
7
Vdd
6
NC
5
NC
4
LO
1
IF1
2
NC
3
IF2


Similar Part No. - AMGP-6552

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMGP-6552 AVAGO-AMGP-6552 Datasheet
151Kb / 8P
IF frequency range from DC to 3 GHz
AMGP-6552-BLKG AVAGO-AMGP-6552-BLKG Datasheet
151Kb / 8P
IF frequency range from DC to 3 GHz
AMGP-6552-TR1G AVAGO-AMGP-6552-TR1G Datasheet
151Kb / 8P
IF frequency range from DC to 3 GHz
AMGP-6552-TR2G AVAGO-AMGP-6552-TR2G Datasheet
151Kb / 8P
IF frequency range from DC to 3 GHz
More results

Similar Description - AMGP-6552

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RMWL38001 ETC-RMWL38001 Datasheet
382Kb / 7P
37-40 GHz Low Noise Amplifier MMIC
logo
United Monolithic Semic...
MFC-PO13811-QDG UMS-MFC-PO13811-QDG Datasheet
461Kb / 10P
37-40GHz Down converter
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6442 AVAGO-AMMP-6442 Datasheet
323Kb / 8P
37- 40 GHz, 1W Linear Power Amplifier in SMT Package
VMMK-3603 AVAGO-VMMK-3603 Datasheet
926Kb / 10P
1 - 6 GHz Positive Gain Slope Low Noise Amplifier in SMT Package
VMMK-3803 AVAGO-VMMK-3803 Datasheet
911Kb / 9P
3 - 11 GHz UWB Low Noise Amplifier in SMT Package
VMMK-3803 AVAGO-VMMK-3803_15 Datasheet
1,023Kb / 11P
3 - 11 GHz UWB Low Noise Amplifier in SMT Package
logo
Broadcom Corporation.
VMMK-3603 BOARDCOM-VMMK-3603 Datasheet
926Kb / 10P
1 - 6 GHz Positive Gain Slope Low Noise Amplifier in SMT Package
VMMK-3803 BOARDCOM-VMMK-3803 Datasheet
1,023Kb / 11P
3 - 11 GHz UWB Low Noise Amplifier in SMT Package
AMGP-6551 BOARDCOM-AMGP-6551 Datasheet
639Kb / 8P
40.5 ??43.5 GHz SMT Packaged Up-Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com