Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX55 Datasheet(PDF) 25 Page - Microchip Technology

Part # MX55
Description  Low Jitter Crystal Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MX55 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MX55 Datasheet HTML 20Page - Microchip Technology MX55 Datasheet HTML 21Page - Microchip Technology MX55 Datasheet HTML 22Page - Microchip Technology MX55 Datasheet HTML 23Page - Microchip Technology MX55 Datasheet HTML 24Page - Microchip Technology MX55 Datasheet HTML 25Page - Microchip Technology MX55 Datasheet HTML 26Page - Microchip Technology MX55 Datasheet HTML 27Page - Microchip Technology MX55 Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
 2018 Microchip Technology Inc.
DS20005972A-page 25
MX55/57
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
PART NO.
XX
Shipping
Device
Device:
MX55:
Low Jitter Crystal Oscillator in
6-Pin 5 mm × 3.2 mm
MX57:
Low Jitter Crystal Oscillator in
6-Pin 7 mm × 5 mm
Crystal Frequency:
5A (Example Only) = Option selected by ClockWorks
Configurator for Manufacturing
Enable Pin Option:
B=
Pin 1
N=
Pin 2
Output Logic Type:
(For Enable Pin 1)
A
=
PECL (Active High)
B
=
LVDS (Active High)
C
=
CMOS (Active High)
D
=
HCSL (Active High)
F
=
PECL (Active Low)
G
=
LVDS (Active Low)
H
=
CMOS (Active Low)
J
=
HCSL (Active Low)
Output Logic Type:
(For Enable Pin 2)
R
=
PECL (Active High)
S
=
LVDS (Active High)
T
=
CMOS (Active High)
U
=
HCSL (Active High)
L
=
PECL (Active Low)
M
=
LVDS (Active Low)
N
=
CMOS (Active Low)
P
=
HCSL (Active Low)
Output Frequency:
xxxMxxx
= 2.5 MHz to 850 MHz
Shipping
TA =
Tube
RA =
Tape & Reel
X
Enable Pin
X
Output Logic
XXXMXXX
Output
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
Examples
:
a) MX555ABF
100M000TA
Low Jitter Crystal Oscillator in 6-Pin
5 mm × 3.2 mm, Pin 1 PECL Active
Low, 100 MHz, Tube
b) MX575ABF
100M000RA
Low Jitter Crystal Oscillator in 6-Pin
5 mm × 7 mm, Pin 1 PECL Active
Low, 100 MHz, Reel
c) MX555ANU
100M000TA
Low Jitter Crystal Oscillator in 6-Pin
5 mm × 3.2 mm, Pin 2 PECL Active
Low, 250 MHz, Tube
d) MX575ANN
100M000RA
Low Jitter Crystal Oscillator in 6-Pin
5 mm × 7 mm, Pin 2 CMOS Active
Low, 150 MHz, Reel
XX
Crystal
Option
Frequency
Type
Frequency
Please visit http://clockworks.microchip.com/timing to select a combination of
options to customize your product, print a specific data sheet and order samples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com