Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX55 Datasheet(PDF) 11 Page - Microchip Technology

Part # MX55
Description  Low Jitter Crystal Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MX55 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MX55 Datasheet HTML 7Page - Microchip Technology MX55 Datasheet HTML 8Page - Microchip Technology MX55 Datasheet HTML 9Page - Microchip Technology MX55 Datasheet HTML 10Page - Microchip Technology MX55 Datasheet HTML 11Page - Microchip Technology MX55 Datasheet HTML 12Page - Microchip Technology MX55 Datasheet HTML 13Page - Microchip Technology MX55 Datasheet HTML 14Page - Microchip Technology MX55 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
 2018 Microchip Technology Inc.
DS20005972A-page 11
MX55/57
4.0
OUTPUT WAVEFORM
FIGURE 4-1:
Output Waveform: LVPECL, LVDS, HCSL, LVCMOS.
Output Voltage Swing
Refer to Table 4-1
TABLE 4-1:
OUTPUT VOLTAGE SWING
Output Logic Protocol
Output Swing (mV Peak-Peak, Typical)
LVCMOS
VOH, VOL
LVPECL
770 mV
LVDS
350 mV
HCSL
700 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com