Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX575ABF Datasheet(PDF) 1 Page - Microchip Technology

Part # MX575ABF
Description  Low Jitter Crystal Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MX575ABF Datasheet(HTML) 1 Page - Microchip Technology

  MX575ABF Datasheet HTML 1Page - Microchip Technology MX575ABF Datasheet HTML 2Page - Microchip Technology MX575ABF Datasheet HTML 3Page - Microchip Technology MX575ABF Datasheet HTML 4Page - Microchip Technology MX575ABF Datasheet HTML 5Page - Microchip Technology MX575ABF Datasheet HTML 6Page - Microchip Technology MX575ABF Datasheet HTML 7Page - Microchip Technology MX575ABF Datasheet HTML 8Page - Microchip Technology MX575ABF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
 2018 Microchip Technology Inc.
DS20005972A-page 1
MX55/57
Features
• Output Frequency 2.5 MHz to 850 MHz
• Phase Noise as Low as 150 fs at
F0 = 156.25 MHz, Integration Bandwidth
12 kHz - 20 MHz, LVPECL Output
• Ultra Low Spurs (-113 dBc Typical)
• ±50 ppm Overvoltage and Temperature
• Supports CMOS, LVPECL, LVDS, and HCSL
Outputs
• Supply Voltage (VIN) +2.375V to +3.63V
• Output Enable Option; Can Be Ordered on Pin 1
or Pin 2
• Industry-Standard and Space-Saving
5.0 mm x 3.2 mm 6-pin package (MX55) and
5.0 mm x 7.0 mm (MX57)
• –40°C to +85°C Operating Temperature Range
• Pb-Free and RoHS Compliant
• Short Production Lead Time
Applications
• 10/40/100G Ethernet
• Optical Communications
• PCIe Gen 1/2/3/4
• Fibre Channel/SAS
• CPRI/OBSAI, XAUI and Backplane SERDES
General Description
The MX55/MX57 product line is an ultra-low jitter family
of industry standard crystal oscillators (XO) designed to
maximize performance in networking, storage, server,
and telecommunications equipment.
The MX55 employs a space-saving 3.2 mm x 5 mm
package, while the MX57 is in a 5 mm x 7 mm package.
These devices meet ±50 ppm total stability across
–40°C to +85°C operating temperature range, using
proven high reliability assembly methods that improve
long term reliability and minimize aging drift compared
to traditional XO assembly processes.
With programmable output format and OE options,
these XOs can be configured to be footprint compatible
with any standard 6-pin XO available today. Standard
options and frequencies are also available.
Please visit http://clockworks.microchip.com/timing to
select a combination of options to customize your
product, print a specific data sheet, and order samples.
Block Diagram
VDD Noise Filter
Fixed
Freq. XO
Phase Locked
Loop
OE Pin 1 or Pin 2
Q Pin 4
GND Pin 3
Q Pin 5
VDD Pin 6
Low Jitter Crystal Oscillator


Similar Part No. - MX575ABF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MX575ABC100M000 MICROCHIP-MX575ABC100M000 Datasheet
2Mb / 5P
Ultra-Low Jitter 100MHz LVCMOS XO
June 05, 2017 Revision 1.0
MX575ABC100M000-TR MICROCHIP-MX575ABC100M000-TR Datasheet
2Mb / 5P
Ultra-Low Jitter 100MHz LVCMOS XO
June 05, 2017 Revision 1.0
MX575ABC200M000 MICROCHIP-MX575ABC200M000 Datasheet
1Mb / 4P
Ultra-Low Jitter 200MHz LVCMOS XO
November 23, 2016 Revision 1.0
MX575ABC200M000-TR MICROCHIP-MX575ABC200M000-TR Datasheet
1Mb / 4P
Ultra-Low Jitter 200MHz LVCMOS XO
November 23, 2016 Revision 1.0
MX575ABC50M0000 MICROCHIP-MX575ABC50M0000 Datasheet
1Mb / 4P
Ultra-Low Jitter 50MHz LVCMOS XO
October 17, 2018 Revision 1.0
More results

Similar Description - MX575ABF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EG-2001CA ETC1-EG-2001CA Datasheet
61Kb / 1P
LOW-JITTER CRYSTAL OSCILLATOR
logo
Epson ToYoCom
EG-2101CA EPSONTOYOCOM-EG-2101CA Datasheet
219Kb / 2P
CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
logo
List of Unclassifed Man...
XG-1000CA ETC2-XG-1000CA Datasheet
247Kb / 1P
CRYSTAL LOW-JITTER SAW OSCILLATOR
logo
Epson ToYoCom
XG-1000CA EPSONTOYOCOM-XG-1000CA Datasheet
446Kb / 2P
CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
logo
Abracon Corporation
ABLJO ABRACON-ABLJO Datasheet
2Mb / 3P
LOW JITTER CRYSTAL OSCILLATOR
05.31.11
logo
Cypress Semiconductor
CY2X014 CYPRESS-CY2X014_12 Datasheet
436Kb / 15P
Low Jitter LVPECL Crystal Oscillator
CY2X014_V2 CYPRESS-CY2X014_V2 Datasheet
410Kb / 14P
Low Jitter LVPECL Crystal Oscillator
logo
EPCOS
EG-2001CA125.0000M-PCHL3 EPCOS-EG-2001CA125.0000M-PCHL3 Datasheet
200Kb / 1P
CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
logo
Abracon Corporation
ABLJO ABRACON-ABLJO_15 Datasheet
2Mb / 4P
LOW JITTER CRYSTAL OSCILLATOR
09.05.13
logo
Cypress Semiconductor
CY2X014 CYPRESS-CY2X014 Datasheet
630Kb / 16P
Low Jitter LVPECL Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com