Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX575ABF Datasheet(PDF) 14 Page - Microchip Technology

Part # MX575ABF
Description  Low Jitter Crystal Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MX575ABF Datasheet(HTML) 14 Page - Microchip Technology

Back Button MX575ABF Datasheet HTML 10Page - Microchip Technology MX575ABF Datasheet HTML 11Page - Microchip Technology MX575ABF Datasheet HTML 12Page - Microchip Technology MX575ABF Datasheet HTML 13Page - Microchip Technology MX575ABF Datasheet HTML 14Page - Microchip Technology MX575ABF Datasheet HTML 15Page - Microchip Technology MX575ABF Datasheet HTML 16Page - Microchip Technology MX575ABF Datasheet HTML 17Page - Microchip Technology MX575ABF Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
MX55/57
DS20005972A-page 14
 2018 Microchip Technology Inc.
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
XXXXXXX
Example
6-Pin LGA*
XXXXXXXX
MX575AB
1958
Example
6-Pin LGA*
XXXXXX
WNNN
MX555A
1817
WNNN
F100M000
XXXXXX
BF1000
3.2 mm x 5 mm
5 mm x 7 mm
Legend: XX...X
Product code, customer-specific information, or frequency in MHz
without printed decimal point
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle
mark).
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or may not include
the corporate logo.
Underbar (_) and/or Overbar (‾) symbol may not be to scale.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com