Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAA51CM24.. Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # DAA51CM24..
Description  Timers Delay on Operate
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

DAA51CM24.. Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  DAA51CM24.. Datasheet HTML 1Page - Carlo Gavazzi Holding AG DAA51CM24.. Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice (28.07.06)
1
Mounting
Output
Housing
Supply:
Supply:
12 to 240 VAC/DC
24 VDC and 24 to 240 VAC
DIN-rail
SPDT
Mini-D
DAA 51 C M24
DIN-rail
DPDT
Mini-D
DAA 71 D W24
DAA 71 D M24
Product Description
Ordering Key
Delay on Operate
Multi-voltage delay on oper-
ate timer with 7 selectable
time ranges within 0.1 s and
100 h. For mounting on DIN-
rail
Housing 17.5 mm wide for
SPDT version and 35.5 mm
for DPDT version, suitable
both for back and front panel
mounting.
• Time range 0.1 s to 100 h
• Knob selection of time range
• Knob adjustable time setting
• Automatic start
• Repeatability:
≤ 0.2%
• Output: 5 A SPDT or 5 A DPDT relays
• For mounting on DIN-rail in accordance with
DIN/EN 50 022
• 17.5 mm (DAA51C) or 35.5 mm (DAA71D) DIN-rail
housing (DIN 43880)
• Combined AC and DC power supply
• LED indication for relay status and power supply ON
Output
SPDT or DPDT relays
Rated insulation voltage
250 VAC (rms)
Contact Ratings (AgSnO2)µ
DAA51 (SPDT):
Resistive loads
AC 1
5 A @ 250 VAC
DC 12
5 A @ 24 VDC
Small inductive loads AC 15
2.5 A @ 250 VAC
DC 13
2.5 A @ 24 VDC
DAA71 (DPDT)
Resistive loads
AC 1
5 A @ 250 VAC
Small inductive loads AC 15
3 A @ 250 VAC
DC 13
3 A @ 24 VDC
Mechanical life
≥ 30 x 106 operations
Electrical life
≥ 105 operations
(at 5 A, 250 V, cos
ϕ = 1)
Operating frequency
< 7200 operations/h
Dielectric strength
Dielectric voltage
2 kVAC (rms)
Rated impulse withstand
voltage
2.5 kV (1.2/50 µs)
Output Specifications
Type Selection
DAA 51 C M24
Housing
Function
Type
Item number
Output
Power supply
Time Specifications
Time ranges
Knob selectable
0.1 to 1 s
1
to 10 s
6
to 60 s
60 to 600 s
0.1 to 1 h
1
to 10 h
10 to 100 h
Setting accuracy
≤ 5%
Types DAA51, DAA71
Timers
Power supply
Overvoltage cat. II
Rated operational voltage
(IEC 60664, IEC 60038)
through terminals:
(DAA51C)
A1, A2 M24
24 VDC ± 15% and
24 to 240 VAC + 10% -15%,
45 to 65 Hz
(DAA71D)
A1, A2
M24
24 to 240 VAC +10% -15%,
45 to 65 Hz
W24
12 to 240 VDC +10% -15%
and
12 to 240 VAC +10% -15%,
45 to 65 Hz
Voltage interruption
≤ 10 ms
Rated operational power
(DAA51C)
AC supply
4 VA
DC supply
1.5 W
(DAA71D)
AC supply
5.5 VA
DC supply
2 W
Supply Specifications
DAA51
DAA71
Repeatability
≤ 0.2%
Time variation
Within rated power supply
≤ 0.05%/V
Within ambient temperature
≤ 0.2%/°C
Reset
Power supply interruption
≥ 200 ms


Similar Part No. - DAA51CM24..

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DAA51CM24 ETC2-DAA51CM24 Datasheet
90Kb / 2P
Timers Delay on Operate
More results

Similar Description - DAA51CM24..

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A108024600 ETC2-A108024600 Datasheet
72Kb / 3P
Timers Delay on Operate
DAA01CM24 ETC2-DAA01CM24 Datasheet
68Kb / 3P
Timers Delay on Operate
EAACT2310H ETC2-EAACT2310H Datasheet
49Kb / 2P
Timers Delay on Operate
EASSM2310M ETC2-EASSM2310M Datasheet
62Kb / 2P
Timers Delay on Operate
FAA01DM24 ETC2-FAA01DM24 Datasheet
71Kb / 3P
Timers Delay on Operate
DAA51CM24 ETC2-DAA51CM24 Datasheet
90Kb / 2P
Timers Delay on Operate
logo
Tyco Electronics
CLCU MACOM-CLCU Datasheet
51Kb / 2P
Delay on operate timing mode
logo
Carlo Gavazzi Holding A...
EAS CARLOGAVAZZI-EAS Datasheet
110Kb / 2P
Timers Delay on Operate Type EAS
FAA01 CARLOGAVAZZI-FAA01 Datasheet
225Kb / 4P
Timers Delay on Operate Types FAA01, FAA08
HAA08DM24 CARLOGAVAZZI-HAA08DM24 Datasheet
159Kb / 3P
Timers Delay on Operate Types HAA08, HAA14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com