Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAA51CM24.. Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # DAA51CM24..
Description  Timers Delay on Operate
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

DAA51CM24.. Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  DAA51CM24.. Datasheet HTML 1Page - Carlo Gavazzi Holding AG DAA51CM24.. Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Specifications are subject to change without notice (28.07.06)
L(+)
N(-)
m
m
A1
15
25
16
26
18
28
A2
DAA01C...
DAA01D...
DAA01D...
DAA51, DAA71
Power ON delay
≤ 100 ms
Indication for
Power supply ON
LED, green
Output relays ON
LED, yellow
(flashing when timing)
Environment
(EN 60529)
Degree of protection
IP 20
Pollution degree
2 (IEC 60664)
Operating temperature
-20° to +60°C, R.H. < 95%
Storage temperature
-30° to +80°C, R.H. < 95%
Housing
Dimesions
(DAA51C)
17.5 x 81 x 67.2 mm
(DAA71D)
35.5 x 81 x 67.2 mm
Material
PA66
Weight
75 g
Screw terminals
Tightening torque
Max. 0.5 Nm according to
IEC EN 60947
Approvals
UL, CSA
RINA (DAA51 only)
CE Marking
Yes
EMC
Electromagnetic Compatibillity
Immunity
According to EN 61000-6-2
Emission
According to EN 61000-6-3
General Specifications
Wiring Diagram
Centre knob:
Time setting on relative
scale: From 1 to 10 with
respect to the chosen range.
Lower knob:
Setting of time range
Time Setting
Mode of Operation
The
yellow
LED,
flashing
when timing, is ON as soon
as the relay turns ON.
The set delay period begins
as soon as the power supply
is connected. At the end of
the set delay the relay oper-
ates and does not release
until the power supply is
interrupted for at least 200
ms. If the power supply is
interrupted for at least 200
ms before the relay operates
the time is set to zero and
the circuit is ready for a new
time period.
DAA51C... DAA71D...
DAA71D...
67.2
18.7
17.5
Dimensions
DAA51
DAA71
67.2
67.2
18.7
18.7
35.5
35.5
Operating Diagram
Relè
T
Tensione di
alimentazione
LED
OFF
Power Supply
Relay
ON



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com