Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASLNH Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ASLNH
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ASLNH Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ASLNH Datasheet HTML 7Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 8Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 9Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 10Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 11Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 12Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 13Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 14Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
26
ø30 ø30 Series Pushbuttons
Square Twin / Twin Maintained Pushbuttons
Package Quantity: 1
Shape
Contact
Part No.
Button Color
Dimensions (mm)
Square Twin (Momentary)
UWQN1
ON
OFF
ON: Black
OFF: Red
O N
OFF
M3.5 Terminal Screw
6
23
Panel Thickness 0.8 to 13
47 (1 or
2 blocks)
70 (3 or 4 blocks)
15.5
53
36
1NO
1NO
UWQN11010
1NO
1NC
UWQN11001
2NO
2NC
UWQN12002
Square Twin (Maintained)
UWQN2
ON
OFF
ON: Black
OFF: Red
O N
OFF
M3.5 Terminal Screw
6
23
Panel Thickness 0.8 to 13
47 (1 block)
70 (2 blocks)
15.5
53
36
1NO
–
UWQN21000
1NC
–
UWQN20100
1NO-1NC
–
UWQN21100
2NO
–
UWQN22000
2NC
–
UWQN20200
Flush Twin Maintained
ABBN11
Top
Bottom
Black (B), green (G),
and red (R) buttons
are supplied with
each unit.
0.8 to 7.5
M3.5 Terminal Screw
Panel
Thickness
57
80
40
9
1NO
–
ABBN1110
1NC
–
ABBN1101
1NO-1NC
–
ABBN1111
2NO
–
ABBN1120
2NC
–
ABBN1102
2NO-2NC
–
ABBN1122
Mushroom Twin Maintained
(Without buttons)
ABBN33
Top
Bottom
M3.5 Terminal Screw
Panel
Thickness
0.8 to 7.5
57
80
40
21
1NO
–
ABBN3310
1NC
–
ABBN3301
1NO-1NC
–
ABBN3311
2NO
–
ABBN3320
2NC
–
ABBN3302
2NO-2NC
–
ABBN3322
•Round bezel (metal): Chrome-plated
•Other contact arrangements and gold-plated silver contacts are also available. See page 20.
•
Square Twin (Momentary): Two independent momentary switches are contained in one unit, each operated by ON or OFF button. With
the ø30 adapter removed from the sleeve, the unit can mount in a ø25.5mm mounting hole for the ø25 series.
•
Square Twin (Maintained): The contact operates when ON button is pressed and is maintained in the depressed position. The button is
reset by pressing the OFF button.
•
Twin Maintained: The contact operates when the top button is pressed and is maintained in the depressed position. The button is reset by
pressing the bottom button.
Different combinations of flush, extended HW9Z-A30 buttons, and colors are available (ABN1B-*, ABN2B-*). See page 73.
Mushroom buttons for the ABBN33 are ordered separately. Specify the color code (ABN3B-*). See page 73.
(nameplate sold
separately)
(nameplate sold
separately)
(nameplate sold
separately)
(nameplate sold
separately)
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com