Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASLNH Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # ASLNH
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ASLNH Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button ASLNH Datasheet HTML 16Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 17Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 18Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 19Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 20Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 21Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 22Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 23Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
35
ø30 Series Illuminated Pushbuttons ø30
LED
Round Extended with Full Shroud Illuminated Pushbuttons
Package Quantity: 1
Shape
Lamp Recep-
tacle
Operation
Lamp
Contact
Part No.
Applicable Lamp
Round Extended
ALFN2
AOLFN2
ALFNE2
AOLFNE2
BA9S
Momentary
Without Lamp
1NO-1NC
ALFN29911DN➁
See page 75 for
lamps.
2NO
ALFN29920DN➁
2NC
ALFN29902DN➁
LED
1NO-1NC
ALFN2➂11DN➁
LSTD-*➁
2NO
ALFN2➂20DN➁
2NC
ALFN2➂02DN➁
Maintained
Without Lamp
1NO-1NC
AOLFN29911DN➁
See page 75 for
lamps.
2NO
AOLFN29920DN➁
2NC
AOLFN29902DN➁
LED
1NO-1NC
AOLFN2➂11DN➁
LSTD-*➁
2NO
AOLFN2➂20DN➁
2NC
AOLFN2➂02DN➁
E12
Momentary
Without Lamp
1NO-1NC
ALFNE29911DN➁
See page 75 for
lamps.
2NO
ALFNE29920DN➁
2NC
ALFNE29902DN➁
LED
1NO-1NC
ALFNE2➂11DN➁
LETD-*➁
2NO
ALFNE2➂20DN➁
2NC
ALFNE2➂02DN➁
Maintained
Without Lamp
1NO-1NC
AOLFNE29911DN➁
See page 75 for
lamps.
2NO
AOLFNE29920DN➁
2NC
AOLFNE29902DN➁
LED
1NO-1NC
AOLFNE2➂11DN➁
LETD-*➁
2NO
AOLFNE2➂20DN➁
2NC
AOLFNE2➂02DN➁
Color Code and Operating Voltage Code
Specify a code in place of ➁ or ➂ in the Part No.
➁ Lens/LED Color Code
➂ Operating Voltage Code
Input
LED
Specify a lens/LED color code in place of ➁.
A:
amber
G:
green
PW: pure white (LSTD only)
R:
red
S:
blue
W:
white
Y:
yellow
Use a pure white LED lamp for yellow illumina-
tion
66: 6V AC/DC
11: 12V AC/DC
22: 24V AC/DC
Full voltage
16: 100/110V AC
126: 120V AC
26: 200/220V AC
246: 240V AC
386: 380V AC
46: 400/440V AC
Transformer
Dimensions
M3 Terminal
Screw
M3.5 Terminal Screw
84.5 (4 blocks)
61.5 (2 blocks)
25
Panel Thickness 0.8 to 5.5
5.5
23
40
M3.5 Terminal
Screws
96 (2 blocks)
119 (4 blocks)
23
Panel Thickness 0.8 to 5.5
25
40
99.5 (4 blocks)
76.5 (2 blocks)
21
Panel Thickness 0.8 to 6
5
23
M3 Terminal Screw
M3.5 Terminal Screw
40
M3.5 Terminal
Screws
111 (2 blocks)
134 (4 blocks)
23
Panel Thickness 0.8 to 6
40
21
ALFN2/AOLFN2
BA9S/Full Voltage
ALFN2/AOLFN2
BA9S/Transformer
ALFNE2/AOLFNE2
E12/Transformer
ALFNE2/AOLFNE2
E12/Full Voltage
All dimensions in mm.
ø30
ø30
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com