Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9038 Datasheet(PDF) 42 Page - ESS Technology,Inc

Part # ES9038
Description  Flagship 32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038 Datasheet(HTML) 42 Page - ESS Technology,Inc

Back Button ES9038 Datasheet HTML 38Page - ESS Technology,Inc ES9038 Datasheet HTML 39Page - ESS Technology,Inc ES9038 Datasheet HTML 40Page - ESS Technology,Inc ES9038 Datasheet HTML 41Page - ESS Technology,Inc ES9038 Datasheet HTML 42Page - ESS Technology,Inc ES9038 Datasheet HTML 43Page - ESS Technology,Inc ES9038 Datasheet HTML 44Page - ESS Technology,Inc ES9038 Datasheet HTML 45Page - ESS Technology,Inc ES9038 Datasheet HTML 46Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
CONFIDENTIAL ADVANCE INFORMATION v3.6
March 5, 2019
ES9038PRO Flagship 32-Bit HyperStream® II 8-Channel Audio DAC
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
42
SPDIF CHANNEL STATUS
– Professional configuration
Address
Offset
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
0
sampling frequency:
00: not indicated (or see byte 4)
10: 48 kHz
01: 44.1 kHz
11: 32 kHz
lock:
0: locked
1: unlocked
emphasis:
000: Emphasis not indicated
001: No emphasis
011: CD-type emphasis
111: J-17 emphasis
0:Audio
1:Non-audio
0:Consumer
1:Professional
1
User bit management:
0000: no indication
1000: 192-bit block as channel status
0100: As defined in AES18
1100: user-defined
0010: As in IEC60958-3 (consumer)
Channel mode:
0000: not indicated (default to 2 ch)
1000: 2 channel
0100: 1 channel (monophonic)
1100: primary / secondary
0010: stereo
1010: reserved for user applications
0110: reserved for user applications
1110: SCDSR (see byte 3 for ID)
0001: SCDSR (stereo left)
1001: SCDSR (stereo right)
1111: Multichannel (see byte 3 for ID)
2
alignment level:
00: not indicated
10:
–20dB FS
01:
–18.06dB FS
Source Word Length:
If max = 20bits
|If max = 24bits
000=Not indicated
|000=Not indicated
100 = 23bits
|100 = 19bits
010 = 22bits
|010 = 18bits
110 = 21bits
|110 = 17bits
001 = 20bits
|001 = 16bits
101 = 24bits
|101 = 20bits
Use of aux sample word:
000: not defined, audio max 20 bits
100: used for main audio, max 24 bits
010: used for coord, audio max 20 bits
110: reserved
3
Channel identification:
if bit 7 = 0 then channel number is 1 plus the numeric value of bits 0-6 (bit reversed).
if bit 7 = 1 then bits 4
–6 define a multichannel mode and bits 0–3 (bit reversed) give the channel number within that mode.
4
fs scaling:
0: no scaling
1: apply factor of
1 / 1.001 to value
Sample frequency (fs):
0000: not indicated
0001: 24kHz
0010: 96kHz
1001: 22.05kHz
1010: 88.2kHz
1011: 176.4kHz
0011: 192kHz
1111: User defined
Reserved
DARS (Digital audio reference signal):
00: not a DARS
01: DARS grade 2 (
10ppm)
10: DARS grade 1 (
1ppm)
11: Reserved
5
Reserved
6-9
alphanumerical channel origin: four-character label using 7-bit ASCII with no parity. Bits 55, 63, 71, 79 = 0.
10-13
alphanumerical channel destination: four-character label using 7-bit ASCII with no parity. Bits 87, 95, 103, 111 = 0.
14-17
local sample address code: 32-bit binary number representing the sample count of the first sample of the channel status block.
18-21
time of day code: 32-bit binary number representing time of source encoding in samples since midnight
22
reliability flags
0: data in byte range is reliable
1: data in byte range is unreliable
23
CRCC
00000000: not implemented
X: error check code for bits 0
–183



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com