Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9038 Datasheet(PDF) 12 Page - ESS Technology,Inc

Part # ES9038
Description  Flagship 32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038 Datasheet(HTML) 12 Page - ESS Technology,Inc

Back Button ES9038 Datasheet HTML 8Page - ESS Technology,Inc ES9038 Datasheet HTML 9Page - ESS Technology,Inc ES9038 Datasheet HTML 10Page - ESS Technology,Inc ES9038 Datasheet HTML 11Page - ESS Technology,Inc ES9038 Datasheet HTML 12Page - ESS Technology,Inc ES9038 Datasheet HTML 13Page - ESS Technology,Inc ES9038 Datasheet HTML 14Page - ESS Technology,Inc ES9038 Datasheet HTML 15Page - ESS Technology,Inc ES9038 Datasheet HTML 16Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
CONFIDENTIAL ADVANCE INFORMATION v3.6
March 5, 2019
ES9038PRO Flagship 32-Bit HyperStream® II 8-Channel Audio DAC
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
12
Paralleling the Outputs of the ES9038PRO
Figure 1 Paralleled DAC Output
Paralleling DAC outputs as shown in Figure 1 is a technique used to further improve DNR and SNR performance. The
ES9038PRO has a low output impedance (typ. 202
) and paralleling DAC outputs will further reduce the output impedance.
Paralleling 4 channels as shown in Figure 1 will result in a 50
 output impedance. Paralleling 8 channels will result in 25.
Many op amps used for the I/V stage (U1 and U3) to drive such a low impedance will have difficulty maintaining low THD and
linearity. For the ES9038PRO, it is recommended to parallel DAC outputs after the output of U2 and use a set of op amps
(U1, U2, U3) for all 8 channels.
Power Supplies Concerns when Paralleling DACs
If the ES9038PRO DAC outputs are paralleled to make a stereo DAC (paralleling 4 channels to make 1 channel) or a mono
DAC(paralleling 8 channel to make 1 channel) and the MCLK is greater than 80MHz, the VCC_L, VCC_R, and DVDD power
supplies will need to be increased from 1.2V to 1.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com