Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STUSB4500
Description  Fast and easy migration from DC barrel to Type-C
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500 Datasheet(HTML) 2 Page - STMicroelectronics

  STUSB4500 Datasheet HTML 1Page - STMicroelectronics STUSB4500 Datasheet HTML 2Page - STMicroelectronics STUSB4500 Datasheet HTML 3Page - STMicroelectronics STUSB4500 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1
Schematic diagram
Figure 1. EVAL-SCS001V1 schematic diagram
22 24
23 21
VBus_EN_SNK 16
Power_OK2
20
A_B_Side 17
SCL 7
SDA 8
Addr0
12
Addr1
13
Attach 11
Power_OK3
14
GPIO 15
Disch 9
Reset 6
CC2DB
5
CC2
4
CC1
2
CC1DB
1
VBUS_VS_Disch
18
ALERT# 19
GND
10
ExpPAD
0
3
U1
STUSB4500
CC1
CC2
2V7
GND
A1
Tx+1
A2
Tx-1
A3
Vbus
A4
CC1
A5
D+1
A6
D-1
A7
Sbu1
A8
Vbus
A9
Rx-2
A10
Rx+2
A11
GND
A12
GND B1
Tx+2 B2
Tx-2 B3
Vbus B4
CC2 B5
D+2 B6
D-2 B7
Sbu2 B8
Vbus B9
Rx-1 B10
Rx+1 B11
GND B12
TYPE C
USB 3.1
J1
CC1
CC2
Vbus
T1
STL6P3LLH6
GPIO
Power_PDO3
Power_PDO2
A_B_Side
Attach
SCL
SDA
Alert#
Vsnk
J10
VSNK
Disch
D11
ESDA25P35
D50
ESDA25P35
TP1
SCL
SDA
TP2
TP3
2V7
TP4
C50
4.7µF
C1
1µF
C2
1µF
R1
1k
R2
1k
R10
100k
R11
22k
R20
22k
LD20
R21
22k
TP11
TP12
TP13
CC1
CC2
Vsnk
TP14
Vbus
TP10
D1
ESDA25W
R12
100
C12
100nF
Standalone USB PD controller
with sink auto-runmode
EVAL-SCS001V1
Schematic diagram
DB3825 - Rev 5
page 2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com