Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSB4500 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STUSB4500
Description  Fast and easy migration from DC barrel to Type-C
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500 Datasheet(HTML) 1 Page - STMicroelectronics

  STUSB4500 Datasheet HTML 1Page - STMicroelectronics STUSB4500 Datasheet HTML 2Page - STMicroelectronics STUSB4500 Datasheet HTML 3Page - STMicroelectronics STUSB4500 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
USB Power Delivery SINK port
Short-to VBUS protection up to 28 V
Low BOM cost, small footprint
Status LED
Description
The EVAL-SCS001V1 reference design allows the user to create a USB Type-C
connector quickly and easily in order to power any application up to 100 W (20 V, 5
A).
Product status link
EVAL-SCS001V1
Product summary
Stand-alone USB
PD controller
STUSB4500
Fast and easy migration from DC barrel to Type-C
EVAL-SCS001V1
Data brief
DB3825 - Rev 5 - September 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STUSB4500

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STUSB4500 STMICROELECTRONICS-STUSB4500 Datasheet
848Kb / 41P
Standalone USB PD sink controller with short-to-VBUS protections
Jul-2018
STUSB4500 STMICROELECTRONICS-STUSB4500 Datasheet
720Kb / 4P
Qi certified 3-coil 15 W wireless charger TX evaluation kit based on STWBC-MC
06-Feb-2019
STUSB4500BJR STMICROELECTRONICS-STUSB4500BJR Datasheet
848Kb / 41P
Standalone USB PD sink controller with short-to-VBUS protections
Jul-2018
STUSB4500L STMICROELECTRONICS-STUSB4500L Datasheet
646Kb / 31P
Standalone USB Type-C??sink port controller
Oct-2019
STUSB4500LBJR STMICROELECTRONICS-STUSB4500LBJR Datasheet
646Kb / 31P
Standalone USB Type-C??sink port controller
Oct-2019
More results

Similar Description - STUSB4500

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3422 STMICROELECTRONICS-AN3422 Datasheet
317Kb / 52P
Migration of microcontroller applications from STM32F1 to STM32L1 series
01-Mar-2012
logo
Pasternack Enterprises,...
PE3CA1002 PASTERNACK-PE3CA1002 Datasheet
393Kb / 4P
Operate from DC to 6GHz
PE3CA1003 PASTERNACK-PE3CA1003 Datasheet
391Kb / 4P
Operate from DC to 6GHz
PE3CA1005 PASTERNACK-PE3CA1005 Datasheet
396Kb / 4P
Operate from DC to 6GHz
PE3CA1011 PASTERNACK-PE3CA1011 Datasheet
392Kb / 4P
Operate from DC to 6GHz
PE3CA1020 PASTERNACK-PE3CA1020 Datasheet
396Kb / 4P
Operate from DC to 6GHz
PE3CA1023 PASTERNACK-PE3CA1023 Datasheet
390Kb / 4P
Operate from DC to 6GHz
PE3CA1030 PASTERNACK-PE3CA1030 Datasheet
386Kb / 4P
Operate from DC to 6GHz
logo
List of Unclassifed Man...
TDC-GP2 ETC1-TDC-GP2 Datasheet
336Kb / 6P
Migration and Compatibility Guideline
logo
STMicroelectronics
STREF-SCS001V1 STMICROELECTRONICS-STREF-SCS001V1 Datasheet
183Kb / 4P
Fast and easy migration from DC barrel to Type-C
Rev 1 - August 2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com