Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWW0CS07S Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # SWW0CS07S
Description  High reliability and High quality of light
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWW0CS07S Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button SWW0CS07S Datasheet HTML 7Page - Seoul Semiconductor SWW0CS07S Datasheet HTML 8Page - Seoul Semiconductor SWW0CS07S Datasheet HTML 9Page - Seoul Semiconductor SWW0CS07S Datasheet HTML 10Page - Seoul Semiconductor SWW0CS07S Datasheet HTML 11Page - Seoul Semiconductor SWW0CS07S Datasheet HTML 12Page - Seoul Semiconductor SWW0CS07S Datasheet HTML 13Page - Seoul Semiconductor SWW0CS07S Datasheet HTML 14Page - Seoul Semiconductor SWW0CS07S Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11
Rev2.0, Jan. 21, 2019
www.seoulsemicon.com
SWW0CS07S - WICOP-C
Color Bin Structure
Table 3. Bin Code Description (T
a = 25℃, IF = 0.2A)
Part Number
Luminous Flux [lm]
Color
Coordinate
Forward Voltage [V]
Bin Code
Min.
Max.
Bin Code
Min.
Max.
SWW0CS07S
D0
52
60
Refer to page.12
U1
2.80
3.00
E0
60
69
U2
3.00
3.20
F0
69
79
U3
3.20
3.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com