Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWW0CS07S Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # SWW0CS07S
Description  High reliability and High quality of light
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWW0CS07S Datasheet(HTML) 5 Page - Seoul Semiconductor

  SWW0CS07S Datasheet HTML 1Page - Seoul Semiconductor SWW0CS07S Datasheet HTML 2Page - Seoul Semiconductor SWW0CS07S Datasheet HTML 3Page - Seoul Semiconductor SWW0CS07S Datasheet HTML 4Page - Seoul Semiconductor SWW0CS07S Datasheet HTML 5Page - Seoul Semiconductor SWW0CS07S Datasheet HTML 6Page - Seoul Semiconductor SWW0CS07S Datasheet HTML 7Page - Seoul Semiconductor SWW0CS07S Datasheet HTML 8Page - Seoul Semiconductor SWW0CS07S Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
Rev2.0, Jan. 21, 2019
www.seoulsemicon.com
SWW0CS07S - WICOP-C
Characteristics Graph
Fig 1. Color Spectrum, I
F = 0.2A, Ta = 25℃
Fig 2. Radiant Pattern, T
a = 25℃
0.0
0.2
0.4
0.6
0.8
1.0
1.2
350
400
450
500
550
600
650
700
750
800
Wavelength [nm]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-90
-60
-30
0
30
60
90
Radiation Angle, θ [ ˚ ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com