Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC50F2 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PC50F2
Description  FRD MODULE 50A/200Vtrr:80nsec
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PC50F2 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PC50F2 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PC50F2 Datasheet HTML 2Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FRD MODULE 50A/200V/trr:80nsec
PC50F2
PC50F2
PC50F2
PC50F2
Maximum Ratings
Approx Net Weight:105g
Voltage
Voltage
Voltage
Voltage Rating
Rating
Rating
Rating
Symbol
PC50F2
Unit
Repetitive Peak Reverse Voltage
per Arm
VRRM
200
V
Non-Repetitive Peak Reverse Voltage
VRSM
220
V
Electrical Rating
Electrical Rating
Electrical Rating
Electrical Rating
Condition
Condition
Condition
Condition
Rating
Rating
Rating
Rating
Average Rectified Output Current
IO
50Hz Half Sine Wave condition
per Arm Tc=111
°C
50
A
RMS Forward Current
IF(RMS) per Arm
78
A
Surge Forward Current
IFSM
50 Hz Half Sine Wave,1cycle
Non-repetitive per Arm
800
A
I Squared t
I2t
2 msec to 10 msec per Arm
3200
A2s
Operating JunctionTemperature Range
Tjw
-40 to +150
°C
Storage Temperature Range
Tstg
-40 to +125
°C
Isoration Voltage
Viso
Base Plate to Terminal, AC1min
2000
V
Case mounting(recommended)
2.6
Mounting torque
Ftor
Terminal Screw(recommended)
1.4
N•m
Electrical
• Thermal Characteristics
Characteristics
Symbol
Test Conditions
Max. Unit
Peak Forward Voltage
VFM
IFM= 50A, Tj=25
°C, per Arm
1.0
V
Peak Reverse Current
IRM
VRM= VRRM, Tj= 150
°C, per Arm
10
mA
Reverse Recovery Time
trr
IFM= 10A, -di/dt= 50 A/
µs, Ta= 25°C
Per Arm
80
ns
Rth(j-c) Junction to Case per Arm
0.8
Thermal Resistance
Rth(c-f)
Base Plate to Heat Sink with Thermal
Compound
0.1
°C/W
Internal Lead Inductance
Ls
Anode Terminal to Cathode Terminal
Per Element
30
nH
FEATURES
* Isolated Base
* Dual Diode Cathode Common
* Ultra Fast Recovery
* High Surge Capability
* UL Recognized, File No. E187184
TYPICAL APPLICATIONS
* High Frequency Rectification
OUTLINE DRAWING


Similar Part No. - PC50F2

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC50F2 NIEC-PC50F2 Datasheet
215Kb / 2P
50A Avg 200 Volts
logo
Kyocera Kinseki Corpota...
PC50F2 KSS-PC50F2 Datasheet
461Kb / 2P
Fast Recovery Diode
logo
National Instruments Co...
PC50F2 NI-PC50F2_15 Datasheet
221Kb / 2P
50A Avg 200 Volts
More results

Similar Description - PC50F2

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PD50F5 NIEC-PD50F5 Datasheet
29Kb / 2P
FRD MODULE - 50A/500Vtrr:90NSEC
PD50F6 NIEC-PD50F6 Datasheet
29Kb / 2P
FRD MODULE 50A/600V/ TRR : 100 NSEC
PC100F5 NIEC-PC100F5 Datasheet
30Kb / 2P
FRD MODULE
PC50F4 NIEC-PC50F4 Datasheet
29Kb / 2P
FRD MODULE 50A/400V/TRR:80NSEC
PC50F5 NIEC-PC50F5 Datasheet
29Kb / 2P
FRD MODULE 50A/500V/trr:90nsec
PC50F6 NIEC-PC50F6 Datasheet
29Kb / 2P
FRD MODULE 50A/600V/trr:100nsec
PD50F4 NIEC-PD50F4 Datasheet
29Kb / 2P
FRD MODULE - 50A/400V/trr:80nsec
logo
MagnaChip Semiconductor...
MPKB2SA75U120 MGCHIP-MPKB2SA75U120 Datasheet
618Kb / 5P
1200V FRD Module
MPKC2SA MGCHIP-MPKC2SA Datasheet
638Kb / 5P
400V FRD Module
MPJC2CA100U60 MGCHIP-MPJC2CA100U60 Datasheet
601Kb / 5P
600V FRD Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com