Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLML6402TRPBF Datasheet(PDF) 29 Page - Microchip Technology

Part # IRLML6402TRPBF
Description  Gigabit Ethernet Switch Evaluation Board
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IRLML6402TRPBF Datasheet(HTML) 29 Page - Microchip Technology

Back Button IRLML6402TRPBF Datasheet HTML 25Page - Microchip Technology IRLML6402TRPBF Datasheet HTML 26Page - Microchip Technology IRLML6402TRPBF Datasheet HTML 27Page - Microchip Technology IRLML6402TRPBF Datasheet HTML 28Page - Microchip Technology IRLML6402TRPBF Datasheet HTML 29Page - Microchip Technology IRLML6402TRPBF Datasheet HTML 30Page - Microchip Technology IRLML6402TRPBF Datasheet HTML 31Page - Microchip Technology IRLML6402TRPBF Datasheet HTML 32Page - Microchip Technology IRLML6402TRPBF Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
FIGURE B-6:
EVB-KSZ9477 SOC CORE CONNECTIONS NAND FLASH SD CARD
18pF
12MHz
Y1
9pF
32.768kHz
Y2
15pF
C160
15pF
C159
22pF
C157
22pF
C158
ID
4
VBUS
1
GND
5
D-
2
D+
3
J12
MICRO_USB-AB
EARTH_USB
EARTH_USB
USBDAT_N
USBDAT_P
0R
R66
0R
R68
0R
R69
3V3
100k
R64
100k
R61
100k
R62
100k
R63
VDDIOP
NTRST
TDI
TMS
TCK
TDO
NRST
TDI
TMS
TCK
TDO
NTRST
JTAG
10k
R76
VDDIOP
10k
R75
5.62k
0402
1%
R74
10pF
C161
GNDUTMI
TP3
1
4
2
3
SW1
HDR 20POS .100" DUAL GOLD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
J11
NRD
NRD
NWE
NWE
NANDCE
NANDCE_J
NANDRDY
10k
R91
VDDIOM
10k
R89
VDDIOM
VDDIOM
0.1uF
C164
0.1uF
C165
NAND FLASH
1
2
3
4
5
6
J10
PB30_RXD
4
PB31_TXD
4
0R
DNP
R65
68k
R59
68k
R60
3V3
0R
DNP
R67
3V3
10k
R87
VDDIOM
IRLML6402
Q1
100k
R73
VDDIOP
0.1uF
C163
VDD_MDCI0
SD CARD
PE2_PWR_MCI0
8
PE9_VBUS_SENSE
8
PE13
8
PE14
8
PE22_CLE
8
PE21_ALE
8
NRST
100k
R72
Reset / 200ms delay
3V3
USB (Device only)
330R
R120
0.1uF
C169
10k
DNP
R119
NRST
8
VBG
Preferred location is bottom side of board
FLASH_D0
FLASH_D1
FLASH_D2
FLASH_D3
FLASH_D4
FLASH_D5
FLASH_D6
FLASH_D7
D14
H16
D15
H18
D6
J12
D8
J14
D9
J16
D11
J17
D13
J18
NWE_NANDWE
K11
D0
K12
D4
K13
D2
K14
D1
K15
D3
K16
D5
K17
D7
K18
NCS3_NANDCS
L12
NRD_NANDOE
L17
NANDRDY
L18
D10
J13
D12
J15
ATSAMA5D36A_BGA324
U7G
TDO
M11
TMS_SWDIO
N10
TCK_SWCLK
P9
NTRST
P11
TDI
R8
VBG
R11
JTAGSEL
T9
WKUP
T10
SHDN
T12
XIN
U8
BMS
U9
TST
U15
XIN32
U16
XOUT
V8
NRST
V9
XOUT32
V16
HHSDMA
V10
HHSDPA
U10
HHSDMC
V14
HHSDPC
U14
HHSDPB
U12
HHSDMB
V12
DIBN
U6
DIBP
V6
ATSAMA5D36A_BGA324
U7I
MT29F2G08ABAEAWP:E
WE
18
WP
19
R/B
7
CE
9
VSS
25
RE
8
I/O0
29
I/O1
30
I/O2
31
I/O3
32
VCC
12
I/O4
41
I/O5
42
I/O6
43
I/O7
44
VSS
36
DNU
47
VCC
37
VSS
48
VCC
34
VSS
13
VCC
39
CLE
16
ALE
17
DNU
38
U11
2Gb, x8b NAND Flash
D3
1
CMD
2
GND
3
VDD
4
CLK
5
GND
6
D0
7
D1
8
D2
9
WP
15
SWGND1
16
SWGND2
17
SWGND3
18
SWGND4
19
CD
14
D7
13
D4
10
D5
11
D6
12
NC
20
NC
21
Proconn Technology
SD/MMC Card Connector
J14
PE0_MCI0_CD
8
PD0_MCI0_CDA
8
PD9_MCI0_CK
8
22R
R88
PD1_MCI0_DA0
8
PD2_MCI0_DA1
8
PD3_MCI0_DA2
8
PD4_MCI0_DA3
8
PD5_MCI0_DA4
8
PD6_MCI0_DA5
8
PD7_MCI0_DA6
8
PD8_MCI0_DA7
8
VDDIOP
20k
R70
40.2k
R71
10uF
C162
TX
GND
2
RESETn
1
WDI
4
RESET
3
VCC
6
MRn
5
MIC826TYMT
ePAD
7
U10
J13
NAND Enable
100k
R90
3V3
VBUS
2.2uF
C105
TP13
NANDRDY
DEBUG
Serial Comm
RX
GND
SAMA5D3x is not using pins 1 and 5 of the debug port.
220R
FB9
Master Reset
MR_N
4
MMBD914
D5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com