Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLML6402TRPBF Datasheet(PDF) 34 Page - Microchip Technology

Part # IRLML6402TRPBF
Description  Gigabit Ethernet Switch Evaluation Board
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IRLML6402TRPBF Datasheet(HTML) 34 Page - Microchip Technology

Back Button IRLML6402TRPBF Datasheet HTML 28Page - Microchip Technology IRLML6402TRPBF Datasheet HTML 29Page - Microchip Technology IRLML6402TRPBF Datasheet HTML 30Page - Microchip Technology IRLML6402TRPBF Datasheet HTML 31Page - Microchip Technology IRLML6402TRPBF Datasheet HTML 32Page - Microchip Technology IRLML6402TRPBF Datasheet HTML 33Page - Microchip Technology IRLML6402TRPBF Datasheet HTML 34Page - Microchip Technology IRLML6402TRPBF Datasheet HTML 35Page - Microchip Technology IRLML6402TRPBF Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
48
12
R25, R59, R60, R77, R78, R79, R80, R81,
R82, R83, R84, R85
RES TKF 68k 1% 1/10W SMD 0603
YES
Stackpole Electronics
Inc
RMCF0603FT68K0
49
1
R26
RES TKF 2.61k 1% 1/16W SMD 0603
YES
MULTICOMP
MC 0.063W 0603 1% 2K61
50
1
R29
RES TKF 10R 1% 1/10W SMD 0603
YES
Stackpole Electronics
Inc
RMCF0603FT10R0
51
1
R31
RES TKF 240k 1% 1/10W SMD 0603
YES
Panasonic Electronic
Components
ERJ-3EKF2403V
52
1
R32
RES TKF 249k 1% 1/10W SMD 0603
YES
Panasonic
ERJ-3EKF2493V
53
3
R33, R34, R35
RES TKF 2.2R 5% 1/10W SMD 0603
YES
Stackpole Electronics
Inc
RMCF0603JT2R20
54
6
R37, R38, R39, R40, R103, R109
RES TKF 4.7k 1% 1/10W SMD 0603
YES
ROHM
MCR03EZPFX4701
55
1
R41
RES TKF 1R 1% 1/10W SMD 0603
YES
Yageo
RC0603FR-071RL
56
2
R42, R44
RES TKF 1.5k 1% 1/10W SMD 0603
YES
Panasonic
ERJ-3EKF1501V
57
2
R43, R45
RES TKF 200R 1% 1/10W SMD 0603
YES
Yageo
RC0603FR-07200RL
58
25
R51, R53, R55, R57, R58, R88, R93, R101,
R118, R124, R125, R129, R130, R134, R135,
R136, R137, R138, R139, R140, R141, R142,
R143, R144, R145
RES TKF 22R 1% 1/10W SMD 0603
YES
Yageo
RC0603FR-0722RL
59
7
R61, R62, R63, R64, R72, R73, R90
RES TKF 100k 1% 1/10W SMD 0603
YES
Panasonic
ERJ-3EKF1003V
60
1
R71
RES TKF 40.2k 1% 1/10W SMD 0603
YES
Yageo
RC0603FR-0740K2L
61
1
R74
RES TKF 5.62k 1% 1/16W SMD 0402
YES
Vishay Dale
CRCW04025K62FKED
62
1
R86
RES TKF 100R 1% 1/10W SMD 0603
YES
ROHM
MCR03EZPFX1000
63
1
R97
RES TKF 47k 1% 1/10W SMD 0603
YES
Panasonic
ERJ-3EKF4702V
64
1
R98
RES TKF 191R 1% 1/10W SMD 0603
YES
Yageo
RC0603FR-07191RL
65
1
R108
RES TKF 6.04k 1% 1/10W SMD 0603
YES
Yageo
9T06031A6041FBHFT
66
7
R110, R111, R112, R113, R114, R115, R116
RES TKF 750R 1% 1/10W SMD 0603
YES
Vishay
CRCW0603750RFKEA
67
1
R117
RES TKF 1k 1% 1/10W SMD 0603
YES
Panasonic
ERJ-3EKF1001V
68
6
R121, R122, R127, R128, R132, R133
RES TKF 3.3k 5% 1/10W SMD 0603
YES
Panasonic
ERJ-3GSYJ332V
69
1
R148
RES TKF 0R 1/10W SMD 0603
YES
Panasonic
ERJ-3GSY0R00V
70
2
SW1, SW3
Switch, Tactile, SPST, 50mA, 16VDC, J-lead, 4.2 x 3.2 mm, PTS810,
NO
YES
C&K
PTS810 SJM 250 SMTR LFS
71
1
SW2
SWITCH SLIDE SPST 24V 100mA 1825058-9EXT ACT 8POS 24V
YES
TE Connectivity
Alcoswitch Switches
1-1825058-9
72
1
SW4
SWITCH SLIDE SPDT 120V 6A 1101M2S3CQE2 TH
YES
C&K Components
1101M2S3CQE2
73
2
TP6, TP7
TEST POINT PC MINI .040"D BLACK
YES
Keystone Electronics
5001
74
2
U1, U13
74LVC1G14GW,125 SCHMITT-TRG INVERTER
YES
NXP
74LVC1G14GW,125
75
2
U8, U9
IC DDR2 SDRAM 1GBIT 2.5NS 84FBGA
YES
Micron Technology Inc.
MT47H64M16NF-25E:M
76
1
U11
IC, MT29F2G08ABAE, Rev. E, NAND Flash, 2Gb, x8b, TSOP48
YES
Micron Technology Inc.
MT29F2G08ABAEAWP:E TR
77
1
X1
Cage, SFP, Amphenol, U77-A1118-200 (-1 or -T)
YES
Amphenol
U77-A1118-2001
TABLE C-1:
BILL OF MATERIALS (CONTINUED)
Item Qty
Reference
Description
Populated
Manufacturer
Manufacturer Part Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com